Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

962-5DA0-032 Datasheet(PDF) 10 Page - Magnetrol International, Inc.

Part # 962-5DA0-032
Description  Echotel짰 Model 961/962 Ultrasonic Level Switches
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

962-5DA0-032 Datasheet(HTML) 10 Page - Magnetrol International, Inc.

Back Button 962-5DA0-032 Datasheet HTML 4Page - Magnetrol International, Inc. 962-5DA0-032 Datasheet HTML 5Page - Magnetrol International, Inc. 962-5DA0-032 Datasheet HTML 6Page - Magnetrol International, Inc. 962-5DA0-032 Datasheet HTML 7Page - Magnetrol International, Inc. 962-5DA0-032 Datasheet HTML 8Page - Magnetrol International, Inc. 962-5DA0-032 Datasheet HTML 9Page - Magnetrol International, Inc. 962-5DA0-032 Datasheet HTML 10Page - Magnetrol International, Inc. 962-5DA0-032 Datasheet HTML 11Page - Magnetrol International, Inc. 962-5DA0-032 Datasheet HTML 12Page - Magnetrol International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
M O D E L
N U M B E R
9 6 2
D U A L
P O I N T
T R A N S D U C E R
92
A
A
English (length in inches)
M
Metric (length in centimeters)
TRANSDUCER UNIT OF LENGTH
A
316/316L stainless steel
K
316/316L stainless steel, ASME B31.1 &B31.3 construction
P
CPVC (use only with Process Connection codes 11, 23, 33, 43, BA, CA, DA)
MATERIALS OF CONSTRUCTION
11
3⁄4" NPT
21
1" NPT
22
1" BSP (G1)
THREADED CONNECTIONS
5" to 130" in 1" increments
5" minimum for NPT process connections
6" minimum for BSP, and flanged process connections
Example: 5 inches = 005
13 cm to 330 cm in 1 cm increments
13 cm minimum for NPT process connections
15 cm minimum for BSP, and flanged process connections
Example: 13 centimeters = 013
“A” DIMENSION ACTUATION LENGTH* (units specified in second digit)
PROCESS CONNECTIONS
Actuation
length A
Minimum distance
between actuation points
A and B is 3" (8 cm)
Maximum distance
between actuation points
A and B is 125" (318 cm)
Actuation
length B
min. 2" (5 cm)
Important:
Use the “A” dimension as
the actuation length code.
The “B” dimension must also
be specified in quote/order.
Example:
For a 962 with an “A”
dimension of 18" and a “B”
dimension of 7", specify
actuation length code 018.
23
1" 150# ANSI RF flange
24
1" 300# ANSI RF flange
25
1" 600# ANSI RF flange
33
1
1⁄2" 150# ANSI RF flange
34
1
1⁄2" 300# ANSI RF flange
35
1
1⁄2" 600# ANSI RF flange
43
2" 150# ANSI RF flange
44
2" 300# ANSI RF flange
45
2" 600# ANSI RF flange
ANSI RAISED FACE FLANGES
BA
DN 25 PN 16 EN 1092-1 Type A
BB
DN 25 PN 25/40 EN 1092-1 Type A
BC
DN 25 PN 63/100 EN 1092-1 Type B2
CA
DN 40 PN 16 EN 1092-1 Type A
CB
DN 40 PN 25/40 EN 1092-1 Type A
CC
DN 40 PN 63/100 EN 1092-1 Type B2
DA
DN 50 PN 16 EN 1092-1 Type A
DB
DN 50 PN 25/40 EN 1092-1 Type A
DD
DN 50 PN 63 EN 1092-1 Type B2
DE
DN 50 PN 100 EN 1092-1 Type B2
EN/DIN FLANGES
* For lengths longer than 130" (330 cm), contact the factory



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com