Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

962-5DA0-032 Datasheet(PDF) 6 Page - Magnetrol International, Inc.

Part # 962-5DA0-032
Description  Echotel짰 Model 961/962 Ultrasonic Level Switches
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

962-5DA0-032 Datasheet(HTML) 6 Page - Magnetrol International, Inc.

Back Button 962-5DA0-032 Datasheet HTML 2Page - Magnetrol International, Inc. 962-5DA0-032 Datasheet HTML 3Page - Magnetrol International, Inc. 962-5DA0-032 Datasheet HTML 4Page - Magnetrol International, Inc. 962-5DA0-032 Datasheet HTML 5Page - Magnetrol International, Inc. 962-5DA0-032 Datasheet HTML 6Page - Magnetrol International, Inc. 962-5DA0-032 Datasheet HTML 7Page - Magnetrol International, Inc. 962-5DA0-032 Datasheet HTML 8Page - Magnetrol International, Inc. 962-5DA0-032 Datasheet HTML 9Page - Magnetrol International, Inc. 962-5DA0-032 Datasheet HTML 10Page - Magnetrol International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
P E R F O R M A N C E
S P E C I F I C A T I O N S
Repeatability
±0.078" (2 mm)
Response Time
1
⁄2 second typical
Time Delay
Variable 0.5 – 45 seconds on rising and falling levels
Self-Test
Automatic:
Continuously verifies operation of electronics, transducer,
piezoelectric crystals, and electrical noise
Manual:
Push button verifies operation of electronics, transducer,
and piezoelectric crystals
Shock Class
ANSI/ISA-S71.03 Class SA1
Vibration Class
ANSI/ISA-S71.03 Class VC2
Humidity
0 – 99%, non-condensing
Electromagnetic Compatibility
Meets CE requirements EN 61326
P H Y S I C A L
S P E C I F I C A T I O N S
Housing Material
Cast aluminum A356-T6, cast 316 stainless steel,
or deep drawn 304 stainless steel (hygienic housing)
Cable Entry
Dual 3⁄4" NPT, or M20 connections (one end is plugged)
Gross Weight
961/962 Electronics:
2.2 lbs. (1.0 kg)
2" (5 cm) Transducer:
0.6 lbs. (0.3 kg)
6
Model 961
with Hygienic Housing
with Tri-Clamp
® 16-AMP Fitting
Model 961
with Cast Aluminum Housing
with NPT Connection
Model 961
with Cast Stainless Steel
Housing and ANSI Flange
1.8 (46) Typical
1.05 (26)
Typical
4.00
(102)
4.00
(102)
∅ .875 (22)
∅ .875 (22)
∅ .875 (22)
Actuation length
for Tri-Clamp fitting
4.43 (113)
4.43 (113)
0.25 (6)
0.25 (6)
0.25 (6)
Actuation length
for NPT connection
Actuation length
for ANSI flange
2.35 (60) Typical
5.24
(133)
5.75
(146)
D I M E N S I O N A L
S P E C I F I C A T I O N S
I N C H E S
( m m )



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com