Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

962-5DA0-032 Datasheet(PDF) 2 Page - Magnetrol International, Inc.

Part # 962-5DA0-032
Description  Echotel짰 Model 961/962 Ultrasonic Level Switches
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

962-5DA0-032 Datasheet(HTML) 2 Page - Magnetrol International, Inc.

  962-5DA0-032 Datasheet HTML 1Page - Magnetrol International, Inc. 962-5DA0-032 Datasheet HTML 2Page - Magnetrol International, Inc. 962-5DA0-032 Datasheet HTML 3Page - Magnetrol International, Inc. 962-5DA0-032 Datasheet HTML 4Page - Magnetrol International, Inc. 962-5DA0-032 Datasheet HTML 5Page - Magnetrol International, Inc. 962-5DA0-032 Datasheet HTML 6Page - Magnetrol International, Inc. 962-5DA0-032 Datasheet HTML 7Page - Magnetrol International, Inc. 962-5DA0-032 Datasheet HTML 8Page - Magnetrol International, Inc. 962-5DA0-032 Datasheet HTML 9Page - Magnetrol International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
P U L S E D
S I G N A L
T E C H N O L O G Y
Challenging process conditions such as
aeration,
suspended
solids,
and
high
viscosities are easily handled with the
pulsed signal technology utilized in the
961/962 switches. Pulsed signal circuitry
drives the transmit piezoelectric crystal
to produce powerful pulses of high-frequency ultrasonic
energy. These ultrasonic pulses are readily transmitted
through liquids, but are attenuated when the transducer
gap is dry. This technology also provides excellent immu-
nity from electromagnetic noise interference.
Pulsed signal technology makes the 961/962 units more
reliable than older continuous wave ultrasonic switches.
Unlike
many
tuning
forks,
pulsed
signal
ultrasonic
switches do not need to be configured for different media
densities, making these units the most universally applied
level switches on the market today.
Model 961/962 switches utilize ultrasonic energy to detect
the presence or absence of liquid in a single or dual point
transducer. Ultrasonic contact level technology uses high-
frequency sound waves that are easily transmitted across
a transducer gap in the presence of a liquid media, but
are attenuated when the gap is dry. Model 961/962
switches use an ultrasonic frequency of 2 MHz to perform
this liquid level measurement in a wide variety of process
media and application conditions.
The transducer uses a pair of piezoelectric crystals that are
encapsulated in epoxy at the tip of the transducer. The
crystals are made of a ceramic material that vibrates at a
given frequency when subjected to an applied voltage.
The transmit crystal converts the applied voltage from the
electronics into an ultrasonic signal. When liquid is present
in the gap, the receive crystal senses the ultrasonic signal
from the transmit crystal and converts it back to an elec-
trical signal. This signal is sent to the electronics to indi-
cate the presence of liquid in the transducer gap. When
there is no liquid present, the ultrasonic signal is attenu-
ated and is not detected by the receive crystal.
Ultrasonic
transducer
Transmit
crystal
Receive
crystal
Ultrasonic signal transmission
across transducer gap
T E C H N O L O G Y
B A S I C
O P E R A T I O N
2
S A F E T Y
I N T E G R I T Y
L E V E L
( S I L )
Critical process control applications demand reliable instru-
ments that provide high levels of safety. The introduction of
standards such as IEC 61508, IEC 61511 and ISA 84, have
generated interest in using Safety Instrumented Systems
(SIS) as a means to define the reliability
of
instruments
in
a
control
loop.
All
versions of the Model 961/962 switches undergo a detailed
performance evaluation called a Failure Modes, Effects and
Diagnostics Analysis (FMEDA). Three key components of
the FMEDA are the Safety Integrity Level (SIL), Safe Failure
Fraction (SFF) and the average Probability of Failure on
Demand (PFDavg).
961 Relay
961 Current Shift
962 Relay
962 Current Shift
SIL
2 as 1oo1
2 as 1oo1
2 as 1oo1
2 as 1oo1
SFF
92.0%
91.4%
91.5%
91.8%
PFDavg
1.77E-04
1.61E-04
2.31E-04
1.87E-04



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com