Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

962-5DA0-032 Datasheet(PDF) 9 Page - Magnetrol International, Inc.

Part # 962-5DA0-032
Description  Echotel짰 Model 961/962 Ultrasonic Level Switches
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

962-5DA0-032 Datasheet(HTML) 9 Page - Magnetrol International, Inc.

Back Button 962-5DA0-032 Datasheet HTML 4Page - Magnetrol International, Inc. 962-5DA0-032 Datasheet HTML 5Page - Magnetrol International, Inc. 962-5DA0-032 Datasheet HTML 6Page - Magnetrol International, Inc. 962-5DA0-032 Datasheet HTML 7Page - Magnetrol International, Inc. 962-5DA0-032 Datasheet HTML 8Page - Magnetrol International, Inc. 962-5DA0-032 Datasheet HTML 9Page - Magnetrol International, Inc. 962-5DA0-032 Datasheet HTML 10Page - Magnetrol International, Inc. 962-5DA0-032 Datasheet HTML 11Page - Magnetrol International, Inc. 962-5DA0-032 Datasheet HTML 12Page - Magnetrol International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
M O D E L
N U M B E R
9 6 1
S I N G L E
P O I N T
T R A N S D U C E R
91
A
English (length in inches)
M
Metric (length in centimeters)
TRANSDUCER UNIT OF LENGTH
A
316/316L stainless steel
S
316/316L with 20 Ra hygienic finish (use only with Process Connection codes 3T, 4T, or VV)
B
Hastelloy C-276
C
Monel
R
Kynar
* (use only with Process Connection codes 11, 23, 33, 43, BA, CA, DA)
P
CPVC (use only with Process Connection codes 11, 23, 33, 43, BA, CA, DA)
N
316/316L stainless steel, NACE construction
K
316/316L stainless steel, ASME B31.1 &B31.3 construction
MATERIALS OF CONSTRUCTION
PROCESS CONNECTIONS
11
3⁄4" NPT
21
1" NPT
22
1" BSP (G1)
THREADED CONNECTIONS
23
1" 150# ANSI RF flange
24
1" 300# ANSI RF flange
25
1" 600# ANSI RF flange
33
1
1⁄2" 150# ANSI RF flange
34
1
1⁄2" 300# ANSI RF flange
35
1
1⁄2" 600# ANSI RF flange
43
2" 150# ANSI RF flange
44
2" 300# ANSI RF flange
45
2" 600# ANSI RF flange
ANSI RAISED FACE FLANGES
3T
1
1⁄2" Tri-Clamp® 16 AMP fitting
4T
2" Tri-Clamp® 16 AMP fitting
VV
DN65 – Varivent® Type N
HYGIENIC CONNECTIONS
BA
DN 25 PN 16 EN 1092-1 Type A
BB
DN 25 PN 25/40 EN 1092-1 Type A
BC
DN 25 PN 63/100 EN 1092-1 Type B2
CA
DN 40 PN 16 EN 1092-1 Type A
CB
DN 40 PN 25/40 EN 1092-1 Type A
CC
DN 40 PN 63/100 EN 1092-1 Type B2
DA
DN 50 PN 16 EN 1092-1 Type A
DB
DN 50 PN 25/40 EN 1092-1 Type A
DD
DN 50 PN 63 EN 1092-1 Type B2
DE
DN 50 PN 100 EN 1092-1 Type B2
EN/DIN FLANGES
Models available for quick shipment, usually within one week after factory
receipt of a complete purchase order, through the Expedite Ship Plan (ESP)
1" to 130" in 1" increments (Example: 4 inches = 004)
1" minimum for NPT process connections
2" minimum for BSP, hygienic, and flanged process connections
2" minimum for all Kynar transducers
Available English ESP lengths: 1", 2", 4", 6", 8", 12"
3 cm to 330 cm in 1 cm increments (Example: 6 centimeters = 006)
3 cm minimum for NPT process connections
5 cm minimum for BSP, hygienic, and flanged process connections
5 cm minimum for all Kynar transducers
Available metric ESP lengths: 3, 5, 10, 30 cm
ACTUATION LENGTH* (unit of length specified in second digit)
* Flanged Kynar transducers have Kynar faced 316 stainless steel flanges
* For lengths longer than 130" (330 cm), contact the factory
A
Standard design
C
Cryogenic design to -110° F (-80° C) (available with Materials code A)
TRANSDUCER OPTIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com