Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

962-5DA0-032 Datasheet(PDF) 8 Page - Magnetrol International, Inc.

Part # 962-5DA0-032
Description  Echotel짰 Model 961/962 Ultrasonic Level Switches
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

962-5DA0-032 Datasheet(HTML) 8 Page - Magnetrol International, Inc.

Back Button 962-5DA0-032 Datasheet HTML 4Page - Magnetrol International, Inc. 962-5DA0-032 Datasheet HTML 5Page - Magnetrol International, Inc. 962-5DA0-032 Datasheet HTML 6Page - Magnetrol International, Inc. 962-5DA0-032 Datasheet HTML 7Page - Magnetrol International, Inc. 962-5DA0-032 Datasheet HTML 8Page - Magnetrol International, Inc. 962-5DA0-032 Datasheet HTML 9Page - Magnetrol International, Inc. 962-5DA0-032 Datasheet HTML 10Page - Magnetrol International, Inc. 962-5DA0-032 Datasheet HTML 11Page - Magnetrol International, Inc. 962-5DA0-032 Datasheet HTML 12Page - Magnetrol International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
961
Single-point electronics
962
Dual-point electronics
M O D E L
N U M B E R
9 6 1 / 9 6 2
E L E C T R O N I C S
BASIC MODEL NUMBER
2
18 to 32 VDC line-powered
5
11 to 35 VDC loop-powered
7
102 to 265 VAC line-powered
INPUT POWER
0
mA current shift (available with Input Power code 5)
D
5-amp gold flash relays (available with Input Power codes 2 or 7)
OUTPUT SIGNAL
0
Integral
1
Remote (requires Connecting Cable from page 11)
MOUNTING
1
FM/CSA Intrinsically safe, Non-Incendive
& Explosion Proof
* (use with current shift
Output Signal code 0)
3
FM/CSA Explosion Proof & Non-Incendive
(use with
relay Output Signal code D,
and Electronics Housing codes 0, 1, 2 & 3)
7
FM/CSA Non-incendive (available with Output Signal
codes 0 & D and Electronics Housing codes 4 & 5)
A
ATEX II 1G EEx ia IIC T5, Intrinsically safe
(use with Output Signal code 0, and Electronics
Housing codes 0, 1, 2, 3)
C
ATEX II 1/2G EEx d IIC T6, Flameproof
(use with Output Signal code 0 or D, and
Electronics Housing codes 0, 1, 2, 3)
AGENCY APPROVAL
0
Cast aluminum with
3⁄4" NPT dual conduit entries
1
Cast aluminum with M20 dual conduit entries
2
Cast SS with
3⁄4" NPT dual conduit entries
3
Cast SS with M20 dual conduit entries
4
Deep drawn SS with
1⁄2" NPT dual conduit entries
5
Deep drawn SS with M20 dual conduit entries
ELECTRONICS HOUSING
Models available for quick shipment, usually within one week after factory
receipt of a complete purchase order, through the Expedite Ship Plan (ESP)
96
A
0
Standard housing cover
1
Glass window cover (available with Electronics Housing codes 0, 1, 4 or 5)
HOUSING COVER
* Explosion Proof approvals not available with housing codes 4 & 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com