Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RX5 Datasheet(PDF) 5 Page - Magnetrol International, Inc.

Part # RX5
Description  PULSEBURSTRADAR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

RX5 Datasheet(HTML) 5 Page - Magnetrol International, Inc.

  RX5 Datasheet HTML 1Page - Magnetrol International, Inc. RX5 Datasheet HTML 2Page - Magnetrol International, Inc. RX5 Datasheet HTML 3Page - Magnetrol International, Inc. RX5 Datasheet HTML 4Page - Magnetrol International, Inc. RX5 Datasheet HTML 5Page - Magnetrol International, Inc. RX5 Datasheet HTML 6Page - Magnetrol International, Inc. RX5 Datasheet HTML 7Page - Magnetrol International, Inc. RX5 Datasheet HTML 8Page - Magnetrol International, Inc. RX5 Datasheet HTML 9Page - Magnetrol International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Dielectric Rod Antennas
Antenna Extentions
Horn Antennas
TFE
PP
All-Halar
®
Minimum Dielectric:
675 psig 750 psig
200 psig
50 psig
46.5 bar
51.7 bar
14 bar
3.5 bar
Maximum Pressure:
+400˚ F
+200˚ F
+200˚ F
+300˚ F
+204˚ C
+93˚ C
+93˚ C
+150˚ C
Maximum Temperature:
2.0
ε
r
Four-inch (10.16 cm)
Three-inch (7.6 cm)
Six-inch (15.24 cm)
HORN:
3" (7.6 cm)
ROD:
4" (10.16 cm)
8" (20.3 cm)
12" (30.4 cm)
R82
MODEL
RX5
PULSAR
Minimum Dielectric:
200 psig
14 bar
Maximum Pressure:
+200˚ F
+93˚ C
Maximum Temperature:
1.7
ε
r
Minimum Dielectric:
200 psig
14 bar
Maximum Pressure:
+200˚ F
+93˚ C
Maximum Temperature:
1.7
ε
r
Model R82 shown
with a cast aluminum
housing and a
2" (50 mm) and
8" (200 mm)
Tefzel® antenna
Model R82 shown
with a Lexan
housing and a
2" (50 mm) and
8" (200 mm)
polypropylene antenna
Quick Disconnect feature: Transmitter and antenna
separation can be accomplished without opening the
tank and compromising process uptime.
B
Ba
assiic
c R
Ra
ad
da
arr IIn
nssttrru
um
me
en
ntt C
Co
on
nffiig
gu
urra
attiio
on
nss
A
A T
T A
A G
G L
L A
A N
N C
C E
E
5
All-PP
Minimum Dielectric:
675 psig
46.5 bar
Maximum Pressure:
+400˚ F
+204˚ C
Maximum Temperature:
1.7
ε
r



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com