Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RX5 Datasheet(PDF) 9 Page - Magnetrol International, Inc.

Part # RX5
Description  PULSEBURSTRADAR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

RX5 Datasheet(HTML) 9 Page - Magnetrol International, Inc.

Back Button RX5 Datasheet HTML 4Page - Magnetrol International, Inc. RX5 Datasheet HTML 5Page - Magnetrol International, Inc. RX5 Datasheet HTML 6Page - Magnetrol International, Inc. RX5 Datasheet HTML 7Page - Magnetrol International, Inc. RX5 Datasheet HTML 8Page - Magnetrol International, Inc. RX5 Datasheet HTML 9Page - Magnetrol International, Inc. RX5 Datasheet HTML 10Page - Magnetrol International, Inc. RX5 Datasheet HTML 11Page - Magnetrol International, Inc. RX5 Datasheet HTML 12Page - Magnetrol International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
SYSTEM DESIGN
Measurement Principle
Pulse Burst Radar @ 26 GHz
INPUT
Measured Variable
Level, determined by the time-of-flight of a radar pulse from the
transmitter to the product surface and back
Zero and Span
15" to 40 feet (0.4 to 12.2 m) as measured from threads
OUTPUT
Type
Analog: 4–20 mA with optional HART digital signal
Range
Analog: 3.8 to 20.5 mA useable (Namur NE43)
Digital: 0 to 999" (0 to 9999 cm)
Resolution
Analog: 0.01 mA
Digital: 0.1"
Loop Resistance
GP/IS/XP 400
Ω @ 24 VDC/20 mA; 350 Ω @ 24 VDC/22 mA
Diagnostic Alarm
Adjustable 3.6 mA, 22 mA, HOLD
Damping
Adjustable 0–45
Output at Antenna
< 0.1 mW (avg), < 2 mW (max)
USER INTERFACE
Keypad
Four-button, menu-driven data entry and system security
Indication
Two-line
× 16-character display
Digital Communication
HART Version 5 compatible
POWER (Measured at instrument terminals)
General Purpose/Intrinsically Safe 16 to 36 VDC
HOUSING
Material
Lexan base and cover or
Cast aluminum A356T6 (< 0.2% copper)
Cable Entry
3
⁄4" NPT, M20
Ingress Protection
Lexan Housing: NEMA 6P (IP67/68
Aluminum Housing: NEMA 4X/6P (IP67/68)
ANTENNA
Encapsulated Horn: Polypropylene or Tefzel` (optional)
Wetted Surfaces
Polypropylene or Tefzel
Maximum Process Temperature -40 to +200° F (-40 to +93° C) @ atmos
Maximum Process Pressure
Vacuum to 200 psig @ +70° F (-14.5 to 13.8 bar)
Minimum Dielectric
1.7 (application dependent)
Process Connections
2" NPT/BSP sanitary flanges
ENVIRONMENT
Operating Temperature Range
-40° to +175° F (-40° to +80° C)
LCD Operating Temp. Range
-5° to +160° F (-20° to +70° C)
Storage Temperature
-50° to +175° F (-46° to +80° C)
Humidity
0-99%, non-condensing
Electromagnetic
Meets CE requirements EN 50081-2, EN 50082-2
PERFORMANCE
Reference Conditions
Reflection from ideal reflector at +70° F (+20° C)
Linearity
±0.2" (5 mm) or 0.05% of tank height (whichever is greater)
Measured Error
±0.2" (5 mm) or 0.05% of tank height (whichever is greater)
Resolution
0.1" (2.5 mm)
Repeatability
±0.1" (2.5 mm) or 0.025% of tank height
Warm-up Time
30 seconds
Ambient Temperature Effect
0.05% per 10° C
Process Dielectric Effect
< 0.3 inch within selected range
Maximum Rate of Change
180 inches (450 cm) / minute
R82
MODEL
User Interface
of the Model R82



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com