Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RX5 Datasheet(PDF) 10 Page - Magnetrol International, Inc.

Part # RX5
Description  PULSEBURSTRADAR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

RX5 Datasheet(HTML) 10 Page - Magnetrol International, Inc.

Back Button RX5 Datasheet HTML 4Page - Magnetrol International, Inc. RX5 Datasheet HTML 5Page - Magnetrol International, Inc. RX5 Datasheet HTML 6Page - Magnetrol International, Inc. RX5 Datasheet HTML 7Page - Magnetrol International, Inc. RX5 Datasheet HTML 8Page - Magnetrol International, Inc. RX5 Datasheet HTML 9Page - Magnetrol International, Inc. RX5 Datasheet HTML 10Page - Magnetrol International, Inc. RX5 Datasheet HTML 11Page - Magnetrol International, Inc. RX5 Datasheet HTML 12Page - Magnetrol International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
A
A P
P P
P L
L II C
C A
A T
T II O
O N
N S
S U
U II T
T A
A B
B II L
L II T
T Y
Y
MEASUREMENT CAPABILITY
Level of Liquid or Slurry
Level or Volume of Liquid or Slurry
OPERATING FREQUENCY
5.8 GHz (Europe) / 6.3 GHz (USA)
26 GHz
VESSEL TYPES
Closed Metallic & Non-metallic Vessels
Closed Metallic, Non-metallic Vessels
STILLWELL
Steel Stillwells Only
2" Metal Stillwell Only
VOLUME
Not Applicable
Utilizes 20-point Table
RANGE 16" to 40 feet (12 m)
Suitable
Suitable
To 65 feet (19.8 m)
Suitable
Not Suitable
MAXIMUM ANTENNA TEMP
To +400° F (+204° C) @ atmos
To +200° F (+93° C) @ atmos
MAXIMUM ANTENNA PRESSURE
To 675 psig (46.5 bar)
To 200 psig (13.8 bar) @ +70° F
MINIMUM DIELECTRIC
1.7 with Horn Antennas
1.7
QUICK CONNECT/DISCONNECT
Yes
No
AGGRESSIVE CHEMICALS
Use All-PP or All-Halar Rod Antennas
Use Tefzel Antenna
FOAM, AGITATION, BUILDUP
Slightly Affected
Moderately Affected
REACTOR MEASUREMENT
Recommended
Marginally Recommended
HYGIENIC, CIP/SIP APPLICATIONS
Not Suitable
Suitable
SAFETY INTEGRITY LEVEL
SIL 1
SIL 1
HAZARDOUS APPROVALS
IS, XP and Non-Incendive
IS and Non-Incendive
TELECOMMUNICATION APPROVALS
FCC, IC, RTTE
FCC, IC, RTTE
Suitability for some applications below may require optional materials or components
R82
Radar Transmitter
RX5
Radar Transmitter
Compare key application
parameters of the Pulsar RX5
and Model R82 transmitters
Transmitters are
shown in correct
relative size



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com