Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RX5 Datasheet(PDF) 11 Page - Magnetrol International, Inc.

Part # RX5
Description  PULSEBURSTRADAR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

RX5 Datasheet(HTML) 11 Page - Magnetrol International, Inc.

Back Button RX5 Datasheet HTML 4Page - Magnetrol International, Inc. RX5 Datasheet HTML 5Page - Magnetrol International, Inc. RX5 Datasheet HTML 6Page - Magnetrol International, Inc. RX5 Datasheet HTML 7Page - Magnetrol International, Inc. RX5 Datasheet HTML 8Page - Magnetrol International, Inc. RX5 Datasheet HTML 9Page - Magnetrol International, Inc. RX5 Datasheet HTML 10Page - Magnetrol International, Inc. RX5 Datasheet HTML 11Page - Magnetrol International, Inc. RX5 Datasheet HTML 12Page - Magnetrol International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
T
Th
he
e M
Mo
osstt E
Effffiic
ciie
en
ntt P
PC
C C
Co
on
nffiig
gu
urra
attiio
on
n T
To
oo
oll
ffo
orr P
Pu
ullssa
arr a
an
nd
d M
Mo
od
de
ell R
R8
82
2 T
Trra
an
nssm
miitttte
errss
PACTware is the modern, user-friendly adjustment software that
enables quick configuration and diagnostics of your radar transmitters.
With your PC connected through a serial interface to the HART loop,
all functionality can be managed remotely anywhere on the loop.
Trending Screen The ability to trend data
over a period of time allows insight into overall
operation of your radar. Trending values are
invaluable when attempting advanced
configuration or troubleshooting. PACTware
PC software has the ability to track all param-
eters of your radar device and save them as a
text or picture file.
Parameters Screen Every parameter in your
radar transmitter can be monitored and modified
remotely with a few clicks of the mouse. From
units of measure to settings for dielectric, each
parameter can be viewed or changed to suit
application conditions. Parameters can be devel-
oped offline or transferred between transmitters.
Level Monitoring Screen Continuously viewing
the level in a tank is the starting point for
PACTware. The position of liquid level can be
viewed in a simple visual format on your PC.
Level and Output values are shown numerically
as well. The screen can be left open to show
the relative position of the liquid level.
Echo Wave Form Screen This screen yields a
wealth of useful information: Level (X-axis), Signal
Quality (Y-axis), Actual Echo Curve (black line),
False Target Profile (red line), and Minimum
Threshold (blue line). Blue hash marks show the
location and signal quality of the target currently
detected as liquid level. False Target Rejection—a
common issue among all non-contact, transit-time
devices—can be accessed from this screen.
GET CONNECTED Simply connect the
HART/RS232 or HART/USB serial inter-
face from the PC to the two-wire loop.
Process Trend Screen
Echo Wave Form Screen
Parameters Screen
Level Monitoring Screen



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com