Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RX5 Datasheet(PDF) 6 Page - Magnetrol International, Inc.

Part # RX5
Description  PULSEBURSTRADAR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

RX5 Datasheet(HTML) 6 Page - Magnetrol International, Inc.

Back Button RX5 Datasheet HTML 2Page - Magnetrol International, Inc. RX5 Datasheet HTML 3Page - Magnetrol International, Inc. RX5 Datasheet HTML 4Page - Magnetrol International, Inc. RX5 Datasheet HTML 5Page - Magnetrol International, Inc. RX5 Datasheet HTML 6Page - Magnetrol International, Inc. RX5 Datasheet HTML 7Page - Magnetrol International, Inc. RX5 Datasheet HTML 8Page - Magnetrol International, Inc. RX5 Datasheet HTML 9Page - Magnetrol International, Inc. RX5 Datasheet HTML 10Page - Magnetrol International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
A
An
na
atto
om
my
y o
off a
a P
Pu
ullssa
arr T
Trra
an
nssm
miitttte
err a
an
nd
d S
Se
en
nsso
orr
Microwave Launcher
Antenna Configurations
Horn Antenna Materials
316/316L stainless steel
Hastelloy® C
Monel®
Optional nozzle extensions:
4" (100 mm), 8" (200 mm)
and 12" (300 mm)
‚
ƒ
„
…
Electronics Compartment
‚
LCD Module
ƒ
Digital Board
„
Analog Board and XP Barrier
…
Mounting Plate
TFE Dielectric Rod
Polypropylene Dielectric Rod
All-Polypropylene Dielectric Rod
All-Halar Dielectric Rod
3 inch (75 mm) Horn (stillwell only)
4 inch (100 mm) Horn
6 inch (150 mm) Horn
Keypad
Process Connections
26 different sizes and types
Explosion-Proof Feedthrough
Field Wiring Compartment
Wiring board with terminal block
Pulsar’s dual enclosures orient wiring
and electronics on the same plane for
convenient wiring, configuration and
display. The display features a two-line,
eight-character LCD. A three-button
keypad provides the user interface.
Quick-Disconnect
Configuration via
keypad or optional
HART communicator.
No PC or laptop required.
Aluminum Compartment Covers and Base
Bottom cover has tempered, glass window
(optional 316 stainless steel cover and bases)
Allows vessel to remain
sealed
IS, XP and
Non-Incendive
Approvals
6
RX5
PULSAR
O-Ring Options
Viton® GFLT, EPDM, Kalrez® 4079, Aegis® PF128



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com