Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RX5 Datasheet(PDF) 7 Page - Magnetrol International, Inc.

Part # RX5
Description  PULSEBURSTRADAR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

RX5 Datasheet(HTML) 7 Page - Magnetrol International, Inc.

Back Button RX5 Datasheet HTML 3Page - Magnetrol International, Inc. RX5 Datasheet HTML 4Page - Magnetrol International, Inc. RX5 Datasheet HTML 5Page - Magnetrol International, Inc. RX5 Datasheet HTML 6Page - Magnetrol International, Inc. RX5 Datasheet HTML 7Page - Magnetrol International, Inc. RX5 Datasheet HTML 8Page - Magnetrol International, Inc. RX5 Datasheet HTML 9Page - Magnetrol International, Inc. RX5 Datasheet HTML 10Page - Magnetrol International, Inc. RX5 Datasheet HTML 11Page - Magnetrol International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
SYSTEM DESIGN
Measurement Principle
Pulse Burst Radar @ 5.8 GHz (Europe), 6.3 GHz (U.S.)
INPUT
Measured Variable
Level, determined by the time-of-flight of a radar pulse from the
transmitter to the product surface and back
Zero and Span
0.5 to 65 feet (0.2 to 20 meters)
OUTPUT
Type
Analog: 4–20 mA or 4–20 mA with optional HART digital signal
Range
Analog: 3.8 to 20.5 mA useable; Digital: 0 to 999
" (0 to 999 cm)
Resolution
Analog: 0.01 mA; Digital: 0.1
"
Loop Resistance
GP/IS/XP 350
Ω @ 24 VDC/22 mA; 400 Ω @ 24 VDC/20 mA
Diagnostic Alarm
Adjustable 3.6 mA, 22 mA, HOLD
Damping
Adjustable 0–45
USER INTERFACE
Keypad
Three-button, menu-driven data entry and system security
Indication
Two-line
× eight-character display
Digital Communication
HART version 5 compatible (communicator sold separately)
POWER (Measured at instrument terminals)
GP: 16 to 36 VDC; IS: 16 to 28.6 VDC; XP: 16 to 36 VDC
HOUSING
Material
Aluminum A356T6 (< 0.25% copper), 316 stainless steel (optional)
Cable Entry
3
4" NPT, M20
ANTENNAS
Type
TFE, polypropylene or Halar dielectric rod / 3" 4" or 6" horn
Materials (wetted parts)
Dielectric rod: TFE, polypropylene or Halar
Mounting nut: 316 SS (Hastelloy C, Monel, or All-Polypropylene optional)
Viton® O-rings (standard)
Horn: 316 stainless steel (Hastelloy C optional)
Insert: TFE
Viton O-rings (standard)
Process Connections
Dielectric rods: 112" NPT and BSP; ANSI or DIN flanges
Horns: 4" or 6" ANSI or DIN flanges
Maximum Process Temperature +400° F (+204° C)
Maximum Process Pressure
750 psi (51.7 bar)
Minimum Dielectric
2.0 dielectric rods / 1.7 horns
ENVIRONMENT
Operating Temperature Range
-40° to +175° F (-40° to +80° C)
LCD Operating Temp. Range
-5° to +160° F (-20° to +70° C)
Storage Temperature
-50° to +175° F (-46° to +80° C)
Humidity
0-99%, non-condensing
Electromagnetic Compatibility
Meets CE requirements EN 50081-2, EN 50082-2
PERFORMANCE (Reference: Reflection from ideal reflector at +70° F / +20° C)
Linearity
±0.4" or 0.1% of tank height
Measured Error
±0.4" or 0.1% of tank height
Resolution
0.1"
Repeatability
±0.2" or 0.05% of tank height
Warm-up Time
30 seconds
Ambient Temperature Effect
Temperature effect 0.05% per 10° C
Process Dielectric Effect
< 0.3 inch within selected range
Maximum Rate of Change
15 feet (4.5 meters) / minute
7
Pulsar transmitter with
a 6" horn antenna



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com