Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT71D02 Datasheet(PDF) 5 Page - Holtek Semiconductor Inc

Part # HT71D02
Description  Power Line Data Transceiver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT71D02 Datasheet(HTML) 5 Page - Holtek Semiconductor Inc

  HT71D02 Datasheet HTML 1Page - Holtek Semiconductor Inc HT71D02 Datasheet HTML 2Page - Holtek Semiconductor Inc HT71D02 Datasheet HTML 3Page - Holtek Semiconductor Inc HT71D02 Datasheet HTML 4Page - Holtek Semiconductor Inc HT71D02 Datasheet HTML 5Page - Holtek Semiconductor Inc HT71D02 Datasheet HTML 6Page - Holtek Semiconductor Inc HT71D02 Datasheet HTML 7Page - Holtek Semiconductor Inc HT71D02 Datasheet HTML 8Page - Holtek Semiconductor Inc HT71D02 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Functional Description
These devices provide a way to transmit and receive data on the common power lines of an
interconnected array of microcontroller based subsystems. By having one of these devices inside each
subsystem, the shared power and data cabling can be reduced to a simple two line type, offering major
installation cost reductions.
Shared Power Line
All microcontroller based subsystems are connected together via the same two line power connection.
The ground line is hardwired to each subsystem while the positive power line is connected to the VIN
pin on each of the HT71D0x devices. An internal Low Dropout Voltage Regulator within the
HT71D0x devices, converts this input power supply voltage to a fixed voltage level which is supplied
to the subsystem microcontroller and other circuit components. In this way when the power line
voltage is changed due to the transmission or reception of data the subsystem circuits still continue to
receive a regulated power supply.
HT71D02/HT71D04
Power Line Data Transceiver
Rev. 1.00
5
June 30, 2010
P o s i t i v e P o w e r S y p p l y L i n e
M a s t e r
C o n t r o l l e r
G r o u n d L i n e
H T 7 1 D 0 x
M C U
H T 7 1 D 0 x
M C U
H T 7 1 D 0 x
M C U
S u b s y s t e m
# 1
S u b s y s t e m
# 2
S u b s y s t e m
# n
System Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com