Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT71D02 Datasheet(PDF) 2 Page - Holtek Semiconductor Inc

Part # HT71D02
Description  Power Line Data Transceiver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT71D02 Datasheet(HTML) 2 Page - Holtek Semiconductor Inc

  HT71D02 Datasheet HTML 1Page - Holtek Semiconductor Inc HT71D02 Datasheet HTML 2Page - Holtek Semiconductor Inc HT71D02 Datasheet HTML 3Page - Holtek Semiconductor Inc HT71D02 Datasheet HTML 4Page - Holtek Semiconductor Inc HT71D02 Datasheet HTML 5Page - Holtek Semiconductor Inc HT71D02 Datasheet HTML 6Page - Holtek Semiconductor Inc HT71D02 Datasheet HTML 7Page - Holtek Semiconductor Inc HT71D02 Datasheet HTML 8Page - Holtek Semiconductor Inc HT71D02 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Block Diagram
Pin Assignment
Rev. 1.00
2
June 30, 2010
HT71D02/HT71D04
Power Line Data Transceiver
LDO
3.3V/5.0V
LVD
9.0V
C1
VIN
CN
CP/TD
CX
CDLY
VO
TG
VSS/TS
+
Q1
CEB
Vref
VCC
RPU1
VDD
RPU2
VCC
VDD
Q3
Q4
Q2
C2
Protection
Circuit
VDLY
C2X
VDLY
C2X
VDLY
VPT
VPT
R
INT0
H T 7 1 D 0 2 / H T 7 1 D 0 4
8 S O P - A
1
2
3
4
8
7
6
5
V S S / T S
C P / T D
C N
V I N
T G
C D L Y
C X
V O



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com