Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT71D02 Datasheet(PDF) 3 Page - Holtek Semiconductor Inc

Part # HT71D02
Description  Power Line Data Transceiver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT71D02 Datasheet(HTML) 3 Page - Holtek Semiconductor Inc

  HT71D02 Datasheet HTML 1Page - Holtek Semiconductor Inc HT71D02 Datasheet HTML 2Page - Holtek Semiconductor Inc HT71D02 Datasheet HTML 3Page - Holtek Semiconductor Inc HT71D02 Datasheet HTML 4Page - Holtek Semiconductor Inc HT71D02 Datasheet HTML 5Page - Holtek Semiconductor Inc HT71D02 Datasheet HTML 6Page - Holtek Semiconductor Inc HT71D02 Datasheet HTML 7Page - Holtek Semiconductor Inc HT71D02 Datasheet HTML 8Page - Holtek Semiconductor Inc HT71D02 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Pin Description
Pin Name
I/O
Pin-Shared Mapping
VIN
¾
Input voltage
CN
I
Comparator Negative Terminal Input
CP/TD
I
Comparator positive input - CP
O
NMOS Driver Drain Terminal - TD
VSS/TS
¾
Ground pin - VSS
O
NMOS Driver Source Terminal - TS
TG
I
NMOS Gate Input
CX
O
Comparator NMOS output
CDLY
O
LDO Output Control - delay time determined by external capacitor
VO
¾
LDO Output Voltage
CP and TD share the same pin
Absolute Maximum Ratings
Maximum Input Supply Voltage ..................................................................................................33V
Operating Temperature................................................................................................
-40°Cto85°C
Storage Temperature .................................................................................................
-55°Cto150°C
Maximum Junction Temperature ..............................................................................................150
°C
Note:
These are stress ratings only. Stresses exceeding the range specified under
²Absolute Maximum
Ratings
² may cause substantial damage to the device. Functional operation of this device at other
conditions beyond those listed in the specification is not implied and prolonged exposure to extreme
conditions may affect device reliability.
D.C. Characteristics
Ta=25
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VIN
Operating Voltage
¾¾
10
¾
30
V
ICC
Operating current of VIN
¾
VIN=24V , CP=5V,
CN=2V, No Load
¾
30
85
mA
IOL1
Output Sink Current
(Q1, VO pin)
¾ VIN=5V, VOL =0.5V
0.8
¾¾
mA
IOL2
Output Sink Current
(Q2,CDLY pin)
¾ VIN=5V, VOL =0.5V
250
500
¾mA
IOL3
Output Sink Current
(Q3,CX pin)
¾ VIN=5V, VOL =0.5V
0.8
¾¾
mA
IOL4
Output Sink Current
(Q4,TS pin) (NMOS driver)
¾ VGS=18V, VDS =1V
90
¾¾
mA
RPU1
Pull-up resistor 1
¾ VIN=10V
-50%
5
+50%
M
W
RPU2
Pull-up resistor 2
¾ VIN=10V
-30%
50
+30%
k
W
HT71D02/HT71D04
Power Line Data Transceiver
Rev. 1.00
3
June 30, 2010



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com