Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT71D02 Datasheet(PDF) 6 Page - Holtek Semiconductor Inc

Part # HT71D02
Description  Power Line Data Transceiver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT71D02 Datasheet(HTML) 6 Page - Holtek Semiconductor Inc

Back Button HT71D02 Datasheet HTML 2Page - Holtek Semiconductor Inc HT71D02 Datasheet HTML 3Page - Holtek Semiconductor Inc HT71D02 Datasheet HTML 4Page - Holtek Semiconductor Inc HT71D02 Datasheet HTML 5Page - Holtek Semiconductor Inc HT71D02 Datasheet HTML 6Page - Holtek Semiconductor Inc HT71D02 Datasheet HTML 7Page - Holtek Semiconductor Inc HT71D02 Datasheet HTML 8Page - Holtek Semiconductor Inc HT71D02 Datasheet HTML 9Page - Holtek Semiconductor Inc HT71D02 Datasheet HTML 10Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Data Transmission
Refer to the application circuit when reading the following description. Data information can be
transmitted onto the positive power line by reducing the voltage level for a short time duration. As the
devices include a voltage regulator which is used as the power supply to the subsystem units, then the
subsystem power supply voltage will not be affected as long as the regulator minimum dropout voltage
is maintained. However a reduction in the power supply will be detected by the C1 internal
comparators. The output of this comparator is connected to an open drain NMOS transistor, Q1, whose
open drain output on pin CX can be connected to a microcontroller input for use as a data signal.
Data Reception
Refer to the application circuit when reading the following description. The individual subsystems can
transmit data to the master controller along the power supply line by using one of its I/O lines to reduce
the positive power line supply line voltage level for a short time duration. An output line on the
subsystem microcontroller should be connected to the TG pin. An internal comparator, C2, whose
positive input is connected to an internal voltage reference, will detect if this pin is pulled low. The
comparator output is connected to an internal open drain NMOS transistor, Q4, which will pull the
CP/TD line low. By connecting a suitable value resistor between the CP/TD pin and the power supply
line, the correct value of power supply voltage reduction can be implemented.
Protection Circuits
The devices include an internal Voltage Detector function which monitors the power supply input
voltage. Should the input power supply voltage fall below a safe level specified by the voltage detector
level, then the voltage detector output will change state and disable the internal regulator thus
removing the power supply source to the subsystem circuits. An internal NMOS transistor whose drain
is connected to the output power supply line, VO will also turn on keeping the VO level close to zero.
This ensures that the subsystem microcontroller receives the proper power on reset conditions. When
power is applied an external capacitor, connected to pin CDLY, together with an internal resistor,
RPU1, implement a power on delay time for the internal LDO.
Rev. 1.00
6
June 30, 2010
HT71D02/HT71D04
Power Line Data Transceiver
P o w e r S u p p l y
V o l t a g e P u l s e
T r a n s m i t t e d b y M a s t e r
C o m p a r a t o r
- v e i n p u t
C o m p a r a t o r
+ v e i n p u t
D a t a P u l s e t o M C U
P u l s e w i d t h d e t e r m i n e d b y e x t e r n a l R C n e t w o r k
V I N
C N
C P / T D
C X
Power Line Data Reception



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com