Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT71D02 Datasheet(PDF) 7 Page - Holtek Semiconductor Inc

Part # HT71D02
Description  Power Line Data Transceiver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT71D02 Datasheet(HTML) 7 Page - Holtek Semiconductor Inc

Back Button HT71D02 Datasheet HTML 3Page - Holtek Semiconductor Inc HT71D02 Datasheet HTML 4Page - Holtek Semiconductor Inc HT71D02 Datasheet HTML 5Page - Holtek Semiconductor Inc HT71D02 Datasheet HTML 6Page - Holtek Semiconductor Inc HT71D02 Datasheet HTML 7Page - Holtek Semiconductor Inc HT71D02 Datasheet HTML 8Page - Holtek Semiconductor Inc HT71D02 Datasheet HTML 9Page - Holtek Semiconductor Inc HT71D02 Datasheet HTML 10Page - Holtek Semiconductor Inc HT71D02 Datasheet HTML 11Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Application Considerations
It is envisaged that the devices will be used together with microcontroller based subsystems which will
be required to provide two I/O pins for data transmission and reception. The MCU pin connected to the
TG pin must be setup as an output while the MCU pin connected to the CX pin must be setup as an
input.
The power supply impedence will play an important role in applications using these devices and must
be well defined for reliable data transmission and reception.
The external components connected to the CP/TD pin must be chosen carefully to ensure that an
adequate pulse duration on pin CX is generated.
The usual decoupling precautions must be taken to ensure reliable operation.
Application Circuits
The following application circuit shows the device used in conjunction with a microcontroller.
HT71D02/HT71D04
Power Line Data Transceiver
Rev. 1.00
7
June 30, 2010
LVD
9.0V
C1
VIN
CN
CP/TD
CX
CDLY
VO
TG
VSS/TS
+
Q1
CEB
Vref
VCC
RPU1
VDD
RPU2
VCC
VDD
Q3
Q4
Q2
MCU
VDD
VSS
I/O0
I/O1
104
R1
47uF
203
104
R2
R
270
+24V
0V
LDO
3.3V/5.0V
104
C2
Protection
Circuit
VO
RX
Note: RX =80kX



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com