Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT71D02 Datasheet(PDF) 1 Page - Holtek Semiconductor Inc

Part # HT71D02
Description  Power Line Data Transceiver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT71D02 Datasheet(HTML) 1 Page - Holtek Semiconductor Inc

  HT71D02 Datasheet HTML 1Page - Holtek Semiconductor Inc HT71D02 Datasheet HTML 2Page - Holtek Semiconductor Inc HT71D02 Datasheet HTML 3Page - Holtek Semiconductor Inc HT71D02 Datasheet HTML 4Page - Holtek Semiconductor Inc HT71D02 Datasheet HTML 5Page - Holtek Semiconductor Inc HT71D02 Datasheet HTML 6Page - Holtek Semiconductor Inc HT71D02 Datasheet HTML 7Page - Holtek Semiconductor Inc HT71D02 Datasheet HTML 8Page - Holtek Semiconductor Inc HT71D02 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Features
· Complete Data Transmission on Power Line functions
· High Maximum Input Voltage: 30V
· Integrated Low Dropout Voltage Regulator
· Integrated Voltage Detector for Power Supply Monitoring
· Open drain NMOS drivers for flexible interfacing
· Power and Reset Protection Features
· 8-pin SOP package type
· Minimal external component requirements
General Description
In systems where a master controller controls a number of individual interconnected subsystems such
as found in smoke detector systems, water metering systems, solar energy system etc., the cost of the
lengthy interconnecting cabling can be a major factor. By sending data along the power supply lines,
the interconnecting cables can be reduced to a simple two line type, thus greatly reducing both cable
and installation costs.
With a the addition of a few external components, this power line data transceiver device contains all
the internal components required to provide users with a system for power line data transmission and
reception. Data is modulated onto the power line by the simple reduction of the power line voltage for
a specific period of time. Power supply voltage changes can be initiated by the master controller for
data reception or initiated by the HT71D0x devices for data transmission. An internal voltage
regulator within the device ensures that a constant voltage power supply is provided to the
interconnected subsystem units while an internal voltage detector monitors the power line voltage
level.
Selection Guide
Part No.
LDO
Voltage
Detect
Voltage
Package
HT71D02
3.3V
9.0V
8SOP
HT71D04
5.0V
9.0V
8SOP
HT71D02/HT71D04
Power Line Data Transceiver
Rev. 1.00
1
June 30, 2010


Similar Part No. - HT71D02

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT7121-1 HOLTEK-HT7121-1 Datasheet
158Kb / 14P
30mA Low Power LDO
HT7121-2 HOLTEK-HT7121-2 Datasheet
1Mb / 15P
30mA Low Power LDO
HT7121-3 HOLTEK-HT7121-3 Datasheet
1Mb / 15P
30mA TinyPowerTM LDO
HT7123-1 HOLTEK-HT7123-1 Datasheet
158Kb / 14P
30mA Low Power LDO
HT7123-2 HOLTEK-HT7123-2 Datasheet
1Mb / 15P
30mA Low Power LDO
More results

Similar Description - HT71D02

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST7538 STMICROELECTRONICS-ST7538 Datasheet
264Kb / 30P
POWER LINE FSK TRANSCEIVER
24-Nov-2005
logo
List of Unclassifed Man...
50090 ETC-50090 Datasheet
401Kb / 3P
PLT-22 POWER LINE TRANSCEIVER
logo
STMicroelectronics
ST7540 STMICROELECTRONICS-ST7540 Datasheet
372Kb / 44P
FSK power line transceiver
25-Sep-2006
ST7538Q STMICROELECTRONICS-ST7538Q Datasheet
409Kb / 44P
FSK power line transceiver
12-Jul-2006
logo
Radiometrix Ltd
BIM-UHF RADIOMETRIX-BIM-UHF Datasheet
690Kb / 17P
Low Power UHF Data Transceiver Module
logo
SHENZHEN KYL COMMUNICAT...
KYL-300I KYL-KYL-300I_1 Datasheet
157Kb / 11P
Low Power Wireless Transceiver Data Module
KYL-300L KYL-KYL-300L_1 Datasheet
231Kb / 15P
Low Power Wireless Transceiver Data Module
logo
STMicroelectronics
AN2744 STMICROELECTRONICS-AN2744 Datasheet
2Mb / 56P
ST7538Q power line FSK transceiver
30-Apr-2008
logo
Shanghai Leiditech Elec...
EM2378K LEIDITECH-EM2378K Datasheet
400Kb / 3P
USB 2.0 power and data line
logo
Holtek Semiconductor In...
HT45B0003 HOLTEK-HT45B0003 Datasheet
1Mb / 10P
Dual Line Power Line Data Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com