Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISO7420FE Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7420FE
Description  Low-Power Dual Channel Digital Isolators
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO7420FE Datasheet(HTML) 1 Page - Texas Instruments

  ISO7420FE Datasheet HTML 1Page - Texas Instruments ISO7420FE Datasheet HTML 2Page - Texas Instruments ISO7420FE Datasheet HTML 3Page - Texas Instruments ISO7420FE Datasheet HTML 4Page - Texas Instruments ISO7420FE Datasheet HTML 5Page - Texas Instruments ISO7420FE Datasheet HTML 6Page - Texas Instruments ISO7420FE Datasheet HTML 7Page - Texas Instruments ISO7420FE Datasheet HTML 8Page - Texas Instruments ISO7420FE Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
V
CC1
OUTA
INB
GND1
V
CC2
INA
OUTB
GND2
ISO7421
D Package
(Top View)
1
2
3
4
8
7
6
5
V
CC1
INA
INB
GND1
V
CC2
OUTA
OUTB
GND2
ISO7420
D Package
(Top View)
1
2
3
4
8
7
6
5
ISO7420E, ISO7420FE, ISO7420FCC
ISO7421E, ISO7421FE, ISO7421FCC
www.ti.com
SLLSE45D
– DECEMBER 2010 – REVISED DECEMBER 2011
Low-Power Dual Channel Digital Isolators
Check for Samples: ISO7420E, ISO7420FE, ISO7420FCC, ISO7421E, ISO7421FE, ISO7421FCC
1
FEATURES
APPLICATIONS
2
•
Signaling Rate
> 50 Mbps
•
Opto-Coupler Replacement in:
•
For Devices with Suffix F, Output is Low in
– Industrial FieldBus
Default Mode
– ProfiBus
•
Low Power Consumption: Typical ICC per
– ModBus
Channel (3.3V Supplies):
– DeviceNet™ Data Buses
– ISO7420: 1.4 mA at 1 Mbps, 2.5 mA at
– Servo Control Interface
25 Mbps
– Motor Control
– ISO7421: 1.8 mA at 1 Mbps, 2.8 mA at
– Power Supplies
25 Mbps
– Battery Packs
•
Low Propagation Delay: 7 ns Typical (E-Grade)
•
Low Pulse Skew: 200 ps Typical (E-Grade)
SAFETY AND REGULATORY
•
Wide TA Range Specified: –40°C to 125°C
APPROVALS
•
50 KV/
μs Transient Immunity, Typical
•
3000 VRMS / 4242 VPK Isolation per DIN EN
•
Isolation Barrier Life:
> 25 Years
60747-5-2 (VDE 0884 Part 2)
•
Operates from 3V to 5.5V Supply Levels
•
2.5 KVRMS Isolation for 1 minute per UL 1577
•
Narrow Body SOIC-8 Package
•
CSA Component Acceptance Notice #5A
•
IEC 60950-1 and IEC 61010-1 End Equipment
Standards
•
All Agencies Approvals Completed
DESCRIPTION
ISO7420x and ISO7421x provide galvanic isolation up to 2500 VRMS for 1 minute per UL and 4242 VPK per VDE.
These devices have two isolated channels. Each channel has a logic input and output buffer separated by a
silicon dioxide (SiO2) insulation barrier. Used in conjunction with isolated power supplies, these devices prevent
noise currents on a data bus or other circuit from entering the local ground and interfering with or damaging
sensitive circuitry. The suffix F indicates low-output option in fail-safe conditions (see Table 1). E-grade devices
have no integrated noise filter and thus have fast propagation delays. CC-grade devices have integrated
10ns-filters for harsh environments where short noise pulses may be present at the device input pins.
These devices have TTL input thresholds and operate from 3V to 5.5V supplies. All inputs are 5V tolerant when
supplied from a 3.3V supply.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
DeviceNet is a trademark of Texas Instruments.
UNLESS
OTHERWISE
NOTED
this
document
contains
Copyright
© 2010–2011, Texas Instruments Incorporated
PRODUCTION DATA information current as of publication date.
Products conform to specifications per the terms of Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - ISO7420FE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO7420FE TI-ISO7420FE Datasheet
544Kb / 19P
Low-Power Dual Channel Digital Isolators
ISO7420FE TI-ISO7420FE Datasheet
1Mb / 33P
ISO742x Low-Power Dual Channel Digital Isolators
ISO7420FE TI2-ISO7420FE Datasheet
906Kb / 35P
ISO742x Low-Power Dual Channel Digital Isolators
REVISED JULY 2015
ISO7420FE TI2-ISO7420FE Datasheet
906Kb / 35P
ISO742x Low-Power Dual Channel Digital Isolators
REVISED JULY 2015
ISO7420FED TI1-ISO7420FED Datasheet
1Mb / 27P
Low-Power Dual Channel Digital Isolators
More results

Similar Description - ISO7420FE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO7421 TI-ISO7421 Datasheet
640Kb / 18P
Low-Power Dual Digital Isolators
ISO7420 TI-ISO7420 Datasheet
611Kb / 19P
Low-Power Dual Digital Isolators
ISO7420 TI-ISO7420_10 Datasheet
432Kb / 20P
Low-Power Dual Digital Isolators
ISO7420FE TI-ISO7420FE Datasheet
544Kb / 19P
Low-Power Dual Channel Digital Isolators
ISO7421A-Q1 TI1-ISO7421A-Q1 Datasheet
752Kb / 20P
LOW-POWER DUAL DIGITAL ISOLATORS
ISO7421E-Q1 TI1-ISO7421E-Q1 Datasheet
623Kb / 18P
Low-Power Dual Digital Isolators
ISO7420FED TI1-ISO7420FED Datasheet
1Mb / 27P
Low-Power Dual Channel Digital Isolators
ISO7420E TI-ISO7420E_15 Datasheet
1Mb / 33P
ISO742x Low-Power Dual Channel Digital Isolators
ISO7420 TI-ISO7420_15 Datasheet
1Mb / 28P
ISO742x Low-Power Dual-Channel Digital Isolators
ISO7421-EP TI1-ISO7421-EP_16 Datasheet
1,006Kb / 24P
Low-Power Dual Digital Isolators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com