Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISO7420FE Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7420FE
Description  Low-Power Dual Channel Digital Isolators
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO7420FE Datasheet(HTML) 16 Page - Texas Instruments

Back Button ISO7420FE Datasheet HTML 12Page - Texas Instruments ISO7420FE Datasheet HTML 13Page - Texas Instruments ISO7420FE Datasheet HTML 14Page - Texas Instruments ISO7420FE Datasheet HTML 15Page - Texas Instruments ISO7420FE Datasheet HTML 16Page - Texas Instruments ISO7420FE Datasheet HTML 17Page - Texas Instruments ISO7420FE Datasheet HTML 18Page - Texas Instruments ISO7420FE Datasheet HTML 19Page - Texas Instruments ISO7420FE Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 25 page
background image
-50
-25
0
25
50
75
100
125
150
T - Free-Air Temperature - °C
A
6
6.5
7
7.5
8
tPLH
tPHL
V
= V
= 5 V,
C = 15 pF
CC1
CC2
L
-50
-25
0
25
50
75
100
125
150
T - Free-Air Temperature - °C
A
7.5
8
8.5
9
9.5
10
10.5
tPLH
tPHL
V
= V
= 3.3 V,
C = 15 pF
CC1
CC2
L
FS+
FS-
-50
-25
0
25
50
75
100
125
150
T - Free-Air Temperature - °C
A
2.4
2.45
2.5
2.55
2.6
2.65
2.7
0
1
2
3
4
5
6
-80
-70
-60
-50
-40
-30
-20
-10
0
I
- High-Level Output Current - mA
OH
Output V
= 3.3 V
CC
T = 25°C
A
Output V
= 5 V
CC
ISO7420E, ISO7420FE, ISO7420FCC
ISO7421E, ISO7421FE, ISO7421FCC
SLLSE45D
– DECEMBER 2010 – REVISED DECEMBER 2011
www.ti.com
TYPICAL CHARACTERISTICS (continued)
'E-GRADE PROPAGATION DELAY TIME
'E-GRADE PROPAGATION DELAY TIME
vs
vs
FREE-AIR TEMPERATURE
FREE-AIR TEMPERATURE
Figure 16.
Figure 17.
INPUT VCC FAIL-SAFE VOLTAGE THRESHOLD
HIGH-LEVEL OUTPUT VOLTAGE
vs
vs
FREE-AIR TEMPERATURE
HIGH-LEVEL OUTPUT CURRENT
Figure 18.
Figure 19.
16
Submit Documentation Feedback
Copyright
© 2010–2011, Texas Instruments Incorporated
Product Folder Link(s): ISO7420E ISO7420FE ISO7420FCC ISO7421E ISO7421FE ISO7421FCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com