Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISO7420FE Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7420FE
Description  Low-Power Dual Channel Digital Isolators
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO7420FE Datasheet(HTML) 12 Page - Texas Instruments

Back Button ISO7420FE Datasheet HTML 8Page - Texas Instruments ISO7420FE Datasheet HTML 9Page - Texas Instruments ISO7420FE Datasheet HTML 10Page - Texas Instruments ISO7420FE Datasheet HTML 11Page - Texas Instruments ISO7420FE Datasheet HTML 12Page - Texas Instruments ISO7420FE Datasheet HTML 13Page - Texas Instruments ISO7420FE Datasheet HTML 14Page - Texas Instruments ISO7420FE Datasheet HTML 15Page - Texas Instruments ISO7420FE Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
S0417-01
1
2
3
4
8
7
6
5
V
CC1
0.1 F
m
2 mm
max.
from
V
CC1
OUTA
INB
OUTPUT
INPUT
GND1
ISO7421
V
CC2
0.1 F
m
2 mm
max.
from
V
CC2
INA
OUTB
OUTPUT
INPUT
GND2
ISO7420E, ISO7420FE, ISO7420FCC
ISO7421E, ISO7421FE, ISO7421FCC
SLLSE45D
– DECEMBER 2010 – REVISED DECEMBER 2011
www.ti.com
APPLICATION INFORMATION
Figure 6. Typical ISO7421x Application Circuit
Note: For detailed layout recommendations, see Application Note SLLA284, Digital Isolator Design Guide.
SUPPLY CURRENT EQUATIONS
Maximum Supply Current Equations:
(Calculated over recommended operating temperature range and Silicon process variation)
ISO7420
At VCC1 = VCC2 = 3.3V ± 10%
ICC1(max) = ICC1_Q (max) + 1.791 x 10
-2 x f
(1)
ICC2(max) = ICC2_Q (max) + 1.687 x 10
-2 x f + 3.570 x 10-3 x f x C
L
(2)
At VCC1 = VCC2 = 5V ± 10%
ICC1(max) = ICC1_Q (max) + 3.152 x 10
-2 x f
(3)
ICC2(max) = ICC2_Q (max) + 2.709 x 10
-2 x f + 5.365 x 10-3 x f x C
L
(4)
ISO7421
At VCC1 = VCC2 = 3.3V ± 10%
ICC1(max) = ICC1_Q (max) + 1.726 x 10
-2 x f + 1.785 x 10-3 x f x C
L
(5)
ICC2(max) = ICC2_Q (max) + 1.726 x 10
-2 x f + 1.785 x 10-3 x f x C
L
(6)
At VCC1 = VCC2 = 5V ± 10%
ICC1(max) = ICC1_Q (max) + 2.920 x 10
-2 x f + 2.682 x 10-3 x f x C
L
(7)
ICC2(max) = ICC2_Q (max) + 2.920 x 10
-2 x f + 2.682 x 10-3 x f x C
L
(8)
ICC1_Q (max) and ICC2_Q (max) are equivalent to the maximum supply currents measured in mA under DC input
conditions (provided in the specification tables of this data sheet); f is data rate in Mbps of both channels; CL is
the capacitive load in pF of both channels. ICC1(max) and ICC2(max) are measured in mA.
Typical Supply Current Equations:
(Calculated over recommended operating temperature range and Silicon process variation)
ISO7420
At VCC1 = VCC2 = 3.3V
ICC1(typ) = ICC1_Q (typ) + 1.528 x 10
-2 x f
(9)
ICC2(typ) = ICC2_Q (typ) + 1.637 x 10
-2 x f + 3.275 x 10-3 x f x C
L
(10)
At VCC1 = VCC2 = 5V
ICC1(typ) = ICC1_Q (typ) + 2.640 x 10
-2 x f
(11)
ICC2(typ) = ICC2_Q (typ) + 2.502 x 10
-2 x f + 4.919 x 10-3 x f x C
L
(12)
12
Submit Documentation Feedback
Copyright
© 2010–2011, Texas Instruments Incorporated
Product Folder Link(s): ISO7420E ISO7420FE ISO7420FCC ISO7421E ISO7421FE ISO7421FCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com