Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISO7420FE Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7420FE
Description  Low-Power Dual Channel Digital Isolators
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO7420FE Datasheet(HTML) 17 Page - Texas Instruments

Back Button ISO7420FE Datasheet HTML 13Page - Texas Instruments ISO7420FE Datasheet HTML 14Page - Texas Instruments ISO7420FE Datasheet HTML 15Page - Texas Instruments ISO7420FE Datasheet HTML 16Page - Texas Instruments ISO7420FE Datasheet HTML 17Page - Texas Instruments ISO7420FE Datasheet HTML 18Page - Texas Instruments ISO7420FE Datasheet HTML 19Page - Texas Instruments ISO7420FE Datasheet HTML 20Page - Texas Instruments ISO7420FE Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 25 page
background image
0
1
2
3
4
5
6
0
10
20
30
40
50
60
70
I
- Low-Level Output Current - mA
OL
Output V
= 3.3 V
CC
Output V
= 5 V
CC
T = 25°C
A
0
20
40
60
80
100
120
Data Rate - Mbps
0
0.4
1.4
1
OUTA and OUTB, 5V-Oper.
T = 25 C
C
A
o
L15 pF
OUTA and OUTB, 3.3V-Oper.
0.2
1.2
0.6
0.8
0
20
40
60
80
100
120
Data Rate - Mbps
0
0.4
1.4
1
OUTA and OUTB, 5V-Oper.
OUTA and OUTB, 3.3V-Oper.
0.2
1.2
0.6
0.8
T = 25 C
C
A
o
L15 pF
1.6
T = 25°C,
V
= V
= 3.3 V,
Pattern: PRBS 2 -1
A
CC1
CC2
7
T = 25°C,
V
= V
= 3.3 V,
Pattern: PRBS 2 -1
A
CC1
CC2
7
ISO7420E, ISO7420FE, ISO7420FCC
ISO7421E, ISO7421FE, ISO7421FCC
www.ti.com
SLLSE45D
– DECEMBER 2010 – REVISED DECEMBER 2011
TYPICAL CHARACTERISTICS (continued)
LOW-LEVEL OUTPUT VOLTAGE
ISO7420FE OUTPUT JITTER
vs
vs
LOW-LEVEL OUTPUT CURRENT
DATA RATE
Figure 20.
Figure 21.
ISO7421FE OUTPUT JITTER
vs
DATA RATE
Figure 22.
Figure 23. ISO7420FE Typical Eye Diagram at 50 MBPS,
Figure 24. ISO7420FE Typical Eye Diagram at 100 MBPS,
3.3 V Operation
3.3 V Operation
Spacer
Copyright
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Link(s): ISO7420E ISO7420FE ISO7420FCC ISO7421E ISO7421FE ISO7421FCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com