Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISO7420FE Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7420FE
Description  Low-Power Dual Channel Digital Isolators
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO7420FE Datasheet(HTML) 9 Page - Texas Instruments

Back Button ISO7420FE Datasheet HTML 5Page - Texas Instruments ISO7420FE Datasheet HTML 6Page - Texas Instruments ISO7420FE Datasheet HTML 7Page - Texas Instruments ISO7420FE Datasheet HTML 8Page - Texas Instruments ISO7420FE Datasheet HTML 9Page - Texas Instruments ISO7420FE Datasheet HTML 10Page - Texas Instruments ISO7420FE Datasheet HTML 11Page - Texas Instruments ISO7420FE Datasheet HTML 12Page - Texas Instruments ISO7420FE Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
ISO7420E, ISO7420FE, ISO7420FCC
ISO7421E, ISO7421FE, ISO7421FCC
www.ti.com
SLLSE45D
– DECEMBER 2010 – REVISED DECEMBER 2011
DEVICE INFORMATION
IEC INSULATION AND SAFETY-RELATED SPECIFICATIONS FOR D-8 PACKAGE
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
L(I01)
Minimum air gap (clearance)
Shortest terminal-to-terminal distance through air
4.8
mm
Minimum external tracking
Shortest terminal-to-terminal distance across the
L(I02)
4.3
mm
(creepage)
package surface
Tracking resistance (comparative
CTI
DIN IEC 60112 / VDE 0303 Part 1
>400
V
tracking index)
Minimum internal gap (internal
Distance through the insulation
0.014
mm
clearance)
VIO = 500 V, TA < 100°C
>1012
Ω
Isolation resistance, input to
RIO
output(1)
VIO = 500 V, 100°C ≤ TA ≤ max
>1011
Ω
Barrier capacitance, input to
CIO
VIO = 0.4 sin (2πft), f = 1 MHz
1
pF
output(1)
CI
Input capacitance(2)
VI = VCC/2 + 0.4 sin (2πft), f = 1 MHz, VCC = 5 V
1
pF
(1)
All pins on each side of the barrier tied together creating a two-terminal device.
(2)
Measured from input pin to ground.
NOTE
Creepage and clearance requirements should be applied according to the specific
equipment isolation standards of an application. Care should be taken to maintain the
creepage and clearance distance of a board design to ensure that the mounting pads of
the isolator on the printed-circuit board do not reduce this distance.
Creepage and clearance on a printed-circuit board become equal according to the
measurement techniques shown in the Isolation Glossary. Techniques such as inserting
grooves and/or ribs on a printed circuit board are used to help increase these
specifications.
INSULATION CHARACTERISTICS
(3)
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
SPECIFICATION
UNIT
VIORM
Maximum working insulation voltage
566
VPEAK
Method a, After environmental tests subgroup 1,
VPR = VIORM x 1.6, t = 10 s,
906
Partial Discharge
< 5 pC
Method b1,
Input-to-output test voltage per IEC
VPR
VPR = VIORM x 1.875, t = 1 s (100% Production test)
1062
VPEAK
60747-5-2
Partial discharge
< 5 pC
After Input/Output safety test subgroup 2/3,
VPR = VIORM x 1.2, t = 10 s,
680
Partial discharge
< 5 pC
VTEST = VIOTM
VIOTM
Transient overvoltage per IEC 60747-5-2
t = 60 sec (qualification)
4242
VPEAK
t= 1 sec (100% production)
VIOSM
Maximum surge voltage
Tested per IEC 60065 (Qualification Test)
4000
VPEAK
VTEST = VISO, t = 60 sec (qualification)
2500
VISO
Isolation voltage per UL
VRMS
VTEST = 1.2 x VISO, t = 1 sec (100% production)
3000
RS
Insulation resistance
VIO = 500 V at TS
>109
Ω
Pollution degree
2
(3)
Climatic Classification 40/125/21
Copyright
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): ISO7420E ISO7420FE ISO7420FCC ISO7421E ISO7421FE ISO7421FCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com