Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISO7420FE Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7420FE
Description  Low-Power Dual Channel Digital Isolators
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO7420FE Datasheet(HTML) 2 Page - Texas Instruments

  ISO7420FE Datasheet HTML 1Page - Texas Instruments ISO7420FE Datasheet HTML 2Page - Texas Instruments ISO7420FE Datasheet HTML 3Page - Texas Instruments ISO7420FE Datasheet HTML 4Page - Texas Instruments ISO7420FE Datasheet HTML 5Page - Texas Instruments ISO7420FE Datasheet HTML 6Page - Texas Instruments ISO7420FE Datasheet HTML 7Page - Texas Instruments ISO7420FE Datasheet HTML 8Page - Texas Instruments ISO7420FE Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
ISO7420E, ISO7420FE, ISO7420FCC
ISO7421E, ISO7421FE, ISO7421FCC
SLLSE45D
– DECEMBER 2010 – REVISED DECEMBER 2011
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
PIN DESCRIPTIONS
PIN
I/O
DESCRIPTION
NAME
ISO7420x
ISO7421x
INA
2
7
I
Input, channel A
INB
3
3
I
Input, channel B
GND1
4
4
–
Ground connection for VCC1
GND2
5
5
–
Ground connection for VCC2
OUTA
7
2
O
Output, channel A
OUTB
6
6
O
Output, channel B
VCC1
1
1
–
Power supply, VCC1
VCC2
8
8
–
Power supply, VCC2
Table 1. FUNCTION TABLE(1)
OUTPUT
INPUT
OUTPUT
OUTA, OUTB
INPUT
SIDE
SIDE
INA, INB
ISO7420E /
ISO7420Fx /
VCC
VCC
ISO7421E
ISO7421Fx
H
H
H
PU
PU
L
L
L
Open
H(2)
L(3)
PD
PU
X
H(2)
L(3)
X
PD
X
Z
Z
(1)
PU = Powered up (VCC ≥ 3 V); PD = Powered down (VCC ≤ 2.4 V);
X = Irrelevant; H = High level; L = Low level; Z = High Impedance
(2)
In fail-safe condition, output defaults to high level
(3)
In fail-safe condition, output defaults to low level
AVAILABLE OPTIONS
DATA
DEFAULT
INTEGRATED
CHANNEL
MARKED
ORDERING
PRODUCT
RATED TA
RATE
OUTPUT
NOISE FILTER
DIRECTION
AS
NUMBER
ISO7420ED (rail)
ISO7420E
High
SO7420
ISO7420EDR (reel)
No
ISO7420FED (rail)
ISO7420FE
Low
I7420F
Same
ISO7420FEDR (reel)
ISO7420FCCD (rail)
ISO7420FCC(1)
Low
Yes
7420FC
ISO7420FCCDR
(reel)
–40°C to
50 Mbps
125
°C
ISO7421ED (rail)
ISO7421E
High
SO7421
ISO7421EDR (reel)
No
ISO7421FED (rail)
ISO7421FE
Low
I7421F
Opposite
ISO7421FEDR (reel)
ISO7421FCCD (rail)
ISO7421FCC(1)
Low
Yes
7421FC
ISO7421FCCDR
(reel)
(1)
Product Preview
2
Submit Documentation Feedback
Copyright
© 2010–2011, Texas Instruments Incorporated
Product Folder Link(s): ISO7420E ISO7420FE ISO7420FCC ISO7421E ISO7421FE ISO7421FCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com