Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UBA2021 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # UBA2021
Description  630 V driver IC for CFL and TL lamps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

UBA2021 Datasheet(HTML) 4 Page - NXP Semiconductors

  UBA2021 Datasheet HTML 1Page - NXP Semiconductors UBA2021 Datasheet HTML 2Page - NXP Semiconductors UBA2021 Datasheet HTML 3Page - NXP Semiconductors UBA2021 Datasheet HTML 4Page - NXP Semiconductors UBA2021 Datasheet HTML 5Page - NXP Semiconductors UBA2021 Datasheet HTML 6Page - NXP Semiconductors UBA2021 Datasheet HTML 7Page - NXP Semiconductors UBA2021 Datasheet HTML 8Page - NXP Semiconductors UBA2021 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
UBA2021_4
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 04 — 25 July 2008
4 of 16
NXP Semiconductors
UBA2021
630 V driver IC for CFL and TL lamps
7.2 Initial start-up
Initial start-up is achieved by charging capacitor CS9 with the current applied to the
RHV-pin. At start-up, MOSFET T2 conducts and T1 does not conduct. This ensures Cboot
becomes charged. This start-up state is reached for a supply voltage of VVS(reset). This is
the voltage level on the VS-pin at which the circuit will be reset to its initial state and
maintained until the low voltage supply (VVS) reaches a value of VVS(start). The circuit is
reset to the start-up state.
7.3 Oscillation
When the low voltage supply (VVS) has reached the value of VVS(start) the circuit starts
oscillating in the preheat state. The internal oscillator is a current-controlled circuit which
generates a sawtooth waveform. The frequency of the sawtooth is determined by the
capacitor CCF and the current out of the CF-pin, mainly set by RRREF. The sawtooth
frequency is twice the frequency of the signal across the load. The IC brings MOSFETs
T1 and T2 alternately into conduction with a duty factor of approximately 50 %. Figure 4
represents the timing of the IC. The circuit block 'non-overlap' generates a non-overlap
time tno that ensures conduction periods of exclusively T1 or T2. Time tno is dependent on
the reference current IRREF.
7.4 Operation in the preheat mode
The circuit starts oscillating at approximately 2.5
× f
B (108 kHz). The frequency gradually
decreases until a defined value of current Ishunt is reached (see Figure 5). The slope of the
decrease in frequency is determined by capacitor CCI. The frequency during preheating is
approximately 90 kHz. This frequency is well above the resonant frequency of the load,
which means that the lamp is off, the load only consists of L2, C5 and the electrode
resistance. The preheat time is determined by capacitor CCP. The circuit can be locked in
the preheat state by connecting the CP-pin to ground. During preheating, the circuit
monitors the load current by measuring the voltage drop over external resistor Rshunt at
the end of
conduction of T2 with decision level VRS(ctrl). The frequency is decreased as long as
VRS >VRS(ctrl). The frequency is increased for VRS < VRS(ctrl).
Fig 4.
Oscillator timing
mgs991
0
0
0
0
time
start-up
V(G1-S1)
V(G2)
tno
tno
internal
clock
VCF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com