Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UBA2021 Datasheet(PDF) 16 Page - NXP Semiconductors

Part # UBA2021
Description  630 V driver IC for CFL and TL lamps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

UBA2021 Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button UBA2021 Datasheet HTML 8Page - NXP Semiconductors UBA2021 Datasheet HTML 9Page - NXP Semiconductors UBA2021 Datasheet HTML 10Page - NXP Semiconductors UBA2021 Datasheet HTML 11Page - NXP Semiconductors UBA2021 Datasheet HTML 12Page - NXP Semiconductors UBA2021 Datasheet HTML 13Page - NXP Semiconductors UBA2021 Datasheet HTML 14Page - NXP Semiconductors UBA2021 Datasheet HTML 15Page - NXP Semiconductors UBA2021 Datasheet HTML 16Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
NXP Semiconductors
UBA2021
630 V driver IC for CFL and TL lamps
© NXP B.V. 2008.
All rights reserved.
For more information, please visit: http://www.nxp.com
For sales office addresses, please send an email to: salesaddresses@nxp.com
Date of release: 25 July 2008
Document identifier: UBA2021_4
Please be aware that important notices concerning this document and the product(s)
described herein, have been included in section ‘Legal information’.
17. Contents
1
General description . . . . . . . . . . . . . . . . . . . . . . 1
2
Features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1
3
Quick reference data . . . . . . . . . . . . . . . . . . . . . 1
4
Ordering information . . . . . . . . . . . . . . . . . . . . . 2
5
Block diagram . . . . . . . . . . . . . . . . . . . . . . . . . . 2
6
Pinning information . . . . . . . . . . . . . . . . . . . . . . 3
6.1
Pinning . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3
6.2
Pin description . . . . . . . . . . . . . . . . . . . . . . . . . 3
7
Functional description . . . . . . . . . . . . . . . . . . . 3
7.1
Introduction . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3
7.2
Initial start-up . . . . . . . . . . . . . . . . . . . . . . . . . . 4
7.3
Oscillation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4
7.4
Operation in the preheat mode . . . . . . . . . . . . . 4
7.5
Ignition state . . . . . . . . . . . . . . . . . . . . . . . . . . . 5
7.6
Failure to ignite . . . . . . . . . . . . . . . . . . . . . . . . . 5
7.7
Transition to the burn state . . . . . . . . . . . . . . . . 5
7.8
Feed-forward frequency . . . . . . . . . . . . . . . . . . 5
7.9
Capacitive mode protection . . . . . . . . . . . . . . . 6
7.10
IC supply. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6
7.11
Minimum gate-source voltage of T1 and T2 . . . 6
7.12
Frequency and change in frequency. . . . . . . . . 7
7.13
Ground pins . . . . . . . . . . . . . . . . . . . . . . . . . . . 7
7.14
Charge coupling . . . . . . . . . . . . . . . . . . . . . . . . 7
8
Limiting values. . . . . . . . . . . . . . . . . . . . . . . . . . 7
9
Thermal characteristics. . . . . . . . . . . . . . . . . . . 8
10
Characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . 8
11
Design information . . . . . . . . . . . . . . . . . . . . . 10
11.1
Design equations . . . . . . . . . . . . . . . . . . . . . . 10
12
Application information. . . . . . . . . . . . . . . . . . 11
13
Package outline . . . . . . . . . . . . . . . . . . . . . . . . 12
14
Revision history . . . . . . . . . . . . . . . . . . . . . . . . 14
15
Legal information. . . . . . . . . . . . . . . . . . . . . . . 15
15.1
Data sheet status . . . . . . . . . . . . . . . . . . . . . . 15
15.2
Definitions . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15
15.3
Disclaimers . . . . . . . . . . . . . . . . . . . . . . . . . . . 15
15.4
Trademarks . . . . . . . . . . . . . . . . . . . . . . . . . . . 15
16
Contact information. . . . . . . . . . . . . . . . . . . . . 15
17
Contents . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com