Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UBA2021 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # UBA2021
Description  630 V driver IC for CFL and TL lamps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

UBA2021 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button UBA2021 Datasheet HTML 2Page - NXP Semiconductors UBA2021 Datasheet HTML 3Page - NXP Semiconductors UBA2021 Datasheet HTML 4Page - NXP Semiconductors UBA2021 Datasheet HTML 5Page - NXP Semiconductors UBA2021 Datasheet HTML 6Page - NXP Semiconductors UBA2021 Datasheet HTML 7Page - NXP Semiconductors UBA2021 Datasheet HTML 8Page - NXP Semiconductors UBA2021 Datasheet HTML 9Page - NXP Semiconductors UBA2021 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
UBA2021_4
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 04 — 25 July 2008
6 of 16
NXP Semiconductors
UBA2021
630 V driver IC for CFL and TL lamps
Vin, the ripple is filtered out. The capacitor connected to the CP-pin is used for this
purpose. This pin is also used in the preheat state and the ignition state for timing (tph and
tign).
7.9 Capacitive mode protection
When the preheat mode is completed, the IC will protect the power circuit against losing
the zero voltage switching condition and getting too close to the capacitive mode of
operation. This is detected by monitoring voltage VRS at the RS-pin. If the voltage is below
VRS(cap) at the time of turn-on of T2, the capacitive mode operation is assumed.
Consequently the frequency increases as long as the capacitive mode is detected. The
frequency decreases down to the feed-forward frequency if no capacitive mode is
detected. Frequency modulation is achieved via the CI-pin.
7.10 IC supply
Initially, the IC is supplied from Vin by the current through RRHV. This current charges the
supply capacitor CS9 via an internal diode. As soon as VVS exceeds VVS(start), the circuit
starts oscillating. After the preheat phase is finished, the pin is connected to an internal
resistor Ri(RHV), prior to this the RHV-pin is internally connected to the VS-pin. The voltage
level at the RHV-pin thus drops from VVS + Vdiode to IRHV × Ri(RHV). The capacitor CS9 at
the VS-pin will now be charged via the snubber capacitor CS7. Excess charge is drained
by an internal clamp that turns on at voltage VVS(clamp).
7.11 Minimum gate-source voltage of T1 and T2
The high side driver is supplied via capacitor Cboot. Capacitor Cboot is charged via the
bootstrap switch during the on periods of T2. The IC stops oscillating at a voltage level
VVS(stop). Given a maximum charge consumption on the load at the G1-pin of 1 nC/V, this
safeguards the minimum drive voltages V(G1-S1) for the high side driver, see Table 1.
The drive voltage at G2 will exceed the drive voltage of the high side driver.
Fig 6.
Feed-forward frequency
mgs993
bottom
frequency
feed-forward
range
f
(kHz)
IRHV (mA)
Table 4.
Minimum gate-source voltages
FREQUENCY
VOLTAGE
< 75 kHz
8 V (min)
75 kHz to 85 kHz
7 V (min)
≥ 85 kHz
6 V (min)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com