Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UBA2021 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # UBA2021
Description  630 V driver IC for CFL and TL lamps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

UBA2021 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button UBA2021 Datasheet HTML 6Page - NXP Semiconductors UBA2021 Datasheet HTML 7Page - NXP Semiconductors UBA2021 Datasheet HTML 8Page - NXP Semiconductors UBA2021 Datasheet HTML 9Page - NXP Semiconductors UBA2021 Datasheet HTML 10Page - NXP Semiconductors UBA2021 Datasheet HTML 11Page - NXP Semiconductors UBA2021 Datasheet HTML 12Page - NXP Semiconductors UBA2021 Datasheet HTML 13Page - NXP Semiconductors UBA2021 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
UBA2021_4
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 04 — 25 July 2008
10 of 16
NXP Semiconductors
UBA2021
630 V driver IC for CFL and TL lamps
[1]
The start-up supply current is specified in a temperature (Tvj) range of 0 °C to 125 °C. For Tvj <0 °C and Tvj >125 °C the start-up supply
current is < 350
µA.
[2]
The clamp margin is defined as the voltage difference between turn-on of the clamp and start of oscillation. The clamp is in the off-state
at start of oscillation.
[3]
Data sampling of VRS(ctrl) is performed at the end of conduction of T2.
[4]
The total supply current is specified in a temperature (Tvj) range of −20 °C to +125 °C. For Tvj < −20 °C and Tvj >125 °C the total supply
current is < 1.5 mA.
[5]
Data sampling of VRS(cap) is performed at the start of conduction of T2.
[6]
Within the allowed range of RRREF, defined as 30 kΩ +10 %.
[7]
Typical values for the on and off resistances at Tvj = 87.5 °C are: RG2(on) and RG1(on) = 164 Ω, RG2(off) and RG1(off) = 100 Ω.
[8]
The input current at RHV pin may increase to 1600
µA during voltage transient at V
in. Only for currents IRHV beyond approximately
550
µA is the oscillator frequency proportional to I
RHV.
[9]
The symmetry SYMff is calculated from the quotient SYMff = T1tot / T2tot, with T1tot the time between turn-off of G2 and turn-off of G1,
and T2tot the time between turn-off of G1 and turn-off of G2.
11. Design information
11.1 Design equations
• Bottom frequency:
(1)
• Feed-forward frequency:
(2)
• Where:
– X1 = 3.68.
– X2 = 22.28.
–
τ = 0.4 µs.
– Rint = 3 kΩ.
– Cpar = 4.7 pF
• Operating frequency is the maximum of fB, fff or fcm.
fff
feed-forward frequency
IRHV = 0.75 mA
60.4
63.6
66.15
kHz
IRHV = 1 mA
80.3
84.5
88.2
kHz
SYMff
symmetry
IRHV = 1 mA
[9]
0.9
1
1.1
RR
ripple rejection
fVin = 100 Hz
-
6
-
dB
RCP(sw)
CP switch series resistance
ICP = 100
µA
0.75
1.5
2.25
k
Ω
RAV
averaging resistor
ICP = 10
µA
22.4
32
41.6
k
Ω
Table 7.
Characteristics …continued
VVS = 11 V; VFS - VS1 = 11 V; Tamb = 25 °C; all voltages referenced to ground; unless otherwise specified. See Figure 8.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
f
B
1
2C
CF
C
par
+
()
X1
R
RREF
R
int
–
×
()
×
[] τ
+
{}
×
------------------------------------------------------------------------------------------------------------------------
=
f
ff
1
2C
CF
C
par
+
()
X2
V
RREF
×
I
i RHV
()
------------------------------
R
int
–


×τ
+



×
--------------------------------------------------------------------------------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com