Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UBA2021 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # UBA2021
Description  630 V driver IC for CFL and TL lamps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

UBA2021 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button UBA2021 Datasheet HTML 4Page - NXP Semiconductors UBA2021 Datasheet HTML 5Page - NXP Semiconductors UBA2021 Datasheet HTML 6Page - NXP Semiconductors UBA2021 Datasheet HTML 7Page - NXP Semiconductors UBA2021 Datasheet HTML 8Page - NXP Semiconductors UBA2021 Datasheet HTML 9Page - NXP Semiconductors UBA2021 Datasheet HTML 10Page - NXP Semiconductors UBA2021 Datasheet HTML 11Page - NXP Semiconductors UBA2021 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
UBA2021_4
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 04 — 25 July 2008
8 of 16
NXP Semiconductors
UBA2021
630 V driver IC for CFL and TL lamps
[1]
HBM: 2000 V, except pins FS, G1, S1 and VS which are 1000 V maximum and G2 which is 800 V
maximum.
[2]
MM: 250 V except for the G1-pin which is 100 V.
9.
Thermal characteristics
10. Characteristics
Tstg
storage temperature
−55
+150
°C
Qcouple
charge coupling at pins
RREF and CF
operating
−8+8
pC
Ves
electrostatic handling
voltage
human body
model
[1]
-
2000
V
machine model
[2]
-
250
V
Table 5.
Limiting values …continued
In accordance with the Absolute Maximum Rating System (IEC 60134). All voltages referenced to
ground.
Symbol
Parameter
Conditions
Min
Max
Unit
Table 6.
Thermal characteristics
Symbol
Parameter
Conditions
Typ
Unit
Rth(j-a)
thermal resistance from junction
to ambient
in free air
S014
100
K/W
DIP14
60
K/W
Rth(j-pin)
thermal resistance from junction
to PCB
in free air
S014
50
K/W
DIP14
30
K/W
Table 7.
Characteristics
VVS = 11 V; VFS - VS1 = 11 V; Tamb = 25 °C; all voltages referenced to ground; unless otherwise specified. See Figure 8.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
High voltage supply
IL
leakage current on high
voltage pins
VFS,VG1 and VS1 = 630 V
-
-
15
µA
Start-up state
VVS(reset)
reset voltage
T1 off; T2 on
4
5.5
6.5
V
VVS(start)
oscillator start voltage
11.35
11.95
12.55
V
VVS(stop)
oscillator stop voltage
9.55
10.15
10,75
V
VVS(hys)
supply voltage hysteresis
1.5
1.8
2
V
IVS(standby)
standby supply current at pin
VS
VVS = 11 V
[1]
150
200
250
µA
∆V(RHV-VS)
voltage difference between
pins RHV and VS
IRHV = 1.0 mA
0.7
0.8
1
V
VVS(clamp-start) clamp margin VVS(clamp) to
VVS(start)
[2]
0.2
0.3
0.4
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com