Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UBA2021 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # UBA2021
Description  630 V driver IC for CFL and TL lamps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

UBA2021 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button UBA2021 Datasheet HTML 7Page - NXP Semiconductors UBA2021 Datasheet HTML 8Page - NXP Semiconductors UBA2021 Datasheet HTML 9Page - NXP Semiconductors UBA2021 Datasheet HTML 10Page - NXP Semiconductors UBA2021 Datasheet HTML 11Page - NXP Semiconductors UBA2021 Datasheet HTML 12Page - NXP Semiconductors UBA2021 Datasheet HTML 13Page - NXP Semiconductors UBA2021 Datasheet HTML 14Page - NXP Semiconductors UBA2021 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
UBA2021_4
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 04 — 25 July 2008
11 of 16
NXP Semiconductors
UBA2021
630 V driver IC for CFL and TL lamps
• Where:
• fB = bottom frequency.
• fff = feed-forward frequency.
• fcm = frequency due to capacitive mode detection.
• Preheat time:
• Ignition time:
• Non-overlap time:
12. Application information
t
ph
C
CP
150nF
----------------
R
RREF
30K
Ω
----------------
×
=
t
ign
15
16
------
t
ph
×
=
t
no
1.4
µs
R
RREF
30k
Ω
----------------
×
=
Fig 7.
Application diagram
mgs994
30 k
Ω
490 k
Ω
CCI
CI
RHV
G1
S1
FS
G2
VS
CP
CF
lamp
RREF
SGND
PGND
RS
Cboot
100 nF
100 nF
CS9
CS4
C4
C3
CS7
C2
DS6
DS7
DS4
DS3
DS2
DS1
13
79
14
CCP
C5
100 nF
8
CCF
100 pF
12
RRREF
Rshunt
RRHV
Vin
10
T2
T1
11
2
3
1
6
5
UBA2021
R1
L1
L2
mains
supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com