Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMT80C2 Datasheet(PDF) 9 Page - Emerson Network Power

Part # SMT80C2
Description  SIL/SMT80C2 Series
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

SMT80C2 Datasheet(HTML) 9 Page - Emerson Network Power

Back Button SMT80C2 Datasheet HTML 5Page - Emerson Network Power SMT80C2 Datasheet HTML 6Page - Emerson Network Power SMT80C2 Datasheet HTML 7Page - Emerson Network Power SMT80C2 Datasheet HTML 8Page - Emerson Network Power SMT80C2 Datasheet HTML 9Page - Emerson Network Power SMT80C2 Datasheet HTML 10Page - Emerson Network Power SMT80C2 Datasheet HTML 11Page - Emerson Network Power SMT80C2 Datasheet HTML 12Page - Emerson Network Power SMT80C2 Datasheet HTML 13Page - Emerson Network Power Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
Rev. 04.25.11
SIL/SMT80C2
9 of 20
Embedded Power for
Business-Critical Continuity
Technical Reference Note
Parameter
Test Conditions
Min
Typ
Max
Units
Absolute Maximums
Input Voltage
0
13.8
V
Enable Voltage
0
5
V
OperatingAmbientTemperature
0
85
˚C
Non-OperatingAmbientTemperature
-40
125
˚C
Input Specifications
Input Voltage
4.7
13.8
Vdc
Input Current (No Load)
Vin(min) - Vin(max), enabled
500
mA
Input Current (quiescent)
Converter disabled
10
mA
Input Capacitance (Internal)
Internal to converter
176
uF
InputCapacitance(External)
Recommend customer added capacitance
47
uF
Output Specifications
OuputVoltage
0.8375
5.0
V
OutputSetpointAccuracy
-1.0
+1.0
%
OutputRegulation(Line)
-0.2
+0.2
%
OutputRegulation(Load)
-0.5
+0.5
%
OutputCurrent(continuous)
0
80
A
OutputCurrent(shortcircuit)
0.9, 2.5, 5.1 Vout
130
140
A
OutputCapacitance(Internal)
500
uF
OutputCapacitance(External)
12 Vin, 0.9 Vout (Startup capacitance)
0
63,000
uF
12 Vin, 2.5 Vout (Startup capacitance)
0
30,000
uF
12 Vin, 5 Vout (Startup capacitance)
0
11,000
uF
OutputRipple/Noise(Peak/Peak)
5 Vin, 0.9 Vout, 0 uF Cout
20
mV
12 Vin, 2.5 Vout, 0 uF Cout
20
mV
12 Vin, 5 Vout, 0 uF Cout
20
mV
Efficiency
5.1 Vin, 0.9 Vout, 80 Aout
82.2
%
12 Vin, 2.5 Vout, 80 Aout
89.1
%
12 Vin, 5 Vout, 80 Aout
93.3
%
DynamicLoadResponse(PeakDeviation)
12 Vin, 0.9 Vout,50-75%loadat10A/us
95
mV
Dynamic Load Response (Setting Time)
12 Vin, 0.9 Vout,50-75%loadat10A/us
30
us
DynamicLoadResponse(PeakDeviation)
12 Vin, 2.5 Vout,50-75%loadat10A/us
150
mV
Dynamic Load Response (Setting Time)
12 Vin, 2.5 Vout,50-75%loadat10A/us
30
us
DynamicLoadResponse(PeakDeviation)
12 Vin, 5 Vout,50-75%loadat10A/us
150
mV
Dynamic Load Response (Setting Time)
12 Vin, 5 Vout,50-75%loadat10A/us
30
us



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com