Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMT80C2 Datasheet(PDF) 20 Page - Emerson Network Power

Part # SMT80C2
Description  SIL/SMT80C2 Series
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

SMT80C2 Datasheet(HTML) 20 Page - Emerson Network Power

Back Button SMT80C2 Datasheet HTML 12Page - Emerson Network Power SMT80C2 Datasheet HTML 13Page - Emerson Network Power SMT80C2 Datasheet HTML 14Page - Emerson Network Power SMT80C2 Datasheet HTML 15Page - Emerson Network Power SMT80C2 Datasheet HTML 16Page - Emerson Network Power SMT80C2 Datasheet HTML 17Page - Emerson Network Power SMT80C2 Datasheet HTML 18Page - Emerson Network Power SMT80C2 Datasheet HTML 19Page - Emerson Network Power SMT80C2 Datasheet HTML 20Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
OrderingInformation
PinChart
Pin Assignments
SingleOutput
1
Trim
2
No Pin
3
Ground
4
Power Good
5
(-) Trim
6
Ishare
7
Ground
8
Ground
9
Enable
Pin Assignments
SingleOutput
14
Vin
15
Vout
16
Vout
17
Ground
18
Vout
19
Ground
20
Vout
21
Ground
22
Vout
10
Rem Sense (-)
11
Rem Sense (+)
12
Vin
13
Vin
23
Ground
24
Vout
25
*MechSupport
26
*MechSupport
*Horizontalversiononly
Rev. 04.25.11
SIL/SMT80C2
20 of 20
Thisisapreliminarydatasheet.Emerson
NetworkPowerreservestherighttomake
changestotheinformationcontainedherein
withoutnoticeandassumesnoliabilityasa
result of its use or application.
Embedded Power for
Business-Critical Continuity
Technical Reference Note
Americas
5810 Van Allen Way
Carlsbad, CA 92008
USA
Telephone: +17609304600
Facsimile: +17609300698
Europe (UK)
WaterfrontBusinessPark
MerryHill,Dudley
West Midlands, DY5 1LX
United Kingdom
Telephone: +44(0)1384842211
Facsimile: +44(0)1384843355
Asia (HK)
14/F,LuPlaza
2 Wing Yip Street
Kwun Tong, Kowloon
HongKong
Telephone:+85221763333
Facsimile: +85221763888
Forglobalcontact,visit:
www.PowerConversion.com
techsupport.embeddedpower
@emerson.com
Whileeveryprecautionhasbeentakentoensure
accuracyandcompletenessinthisliterature,Emerson
NetworkPowerassumesnoresponsibility,anddisclaims
allliabilityfordamagesresultingfromuseofthis
information or for any errors or omissions.
EmersonNetworkPowerandtheEmerson
NetworkPowerlogoaretrademarksandser-
vicemarksofEmersonElectricCo.©2011
Emerson Electric Co.
EmersonNetworkPower.com
Embedded Computing
Embedded Power
Monitoring
OutsidePlant
PowerSwitching&Controls
Precision Cooling
Racks&IntegratedCabinets
Services
Surge Protection
Emerson Network Power.
Thegloballeaderinenabling
business-critical continuity.
AC Power
Connectivity
DC Power
RoHs Compliance(9)
RoHS Compliance
J=Pb-free
(RoHS6/6compliant)
Custom
Options
Custom
Options
Blank=3.05mmpin
3=3.50mmpin
Rated Output
Current
Rated
Output
Current
80=80A
Performance
Performance
C=Cost
Optimized
Generation
Generation
2=Increased
Current
Density
Input Voltage
Input Voltage
00=4.7-13.8V
Output Voltage
Output Voltage
Single
Adjustable
Output
Product Family
Product Family
SIL=SingleInLine
Rated Output
Current
Rated
Output
Current
80=80A
Performance
Performance
C=Cost
Optimized
Generation
Generation
2=Increased
Current
Density
Input Voltage
Input Voltage
00=4.7-13.8V
Output Voltage
Output Voltage
Single
Adjustable
Output
Mounting
Option
Mounting
Option
Blank=Horizontal
V=Vertical
Product Family
Product Family
SMT=Surface
Mount
SMT
80
C
2
-
00
SADJ
-
X
X
J
RoHs Compliance(9)
RoHS Compliance
J=Pb-free
(RoHS6/6compliant)
Custom
Options
Custom
Options
Blank=3.05mmpin
3=3.50mmpin
Mounting
Option
Mounting
Option
Blank=Horizontal
V=Vertical
SIL
80
C
2
-
00
SADJ
-
X
X
J



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com