Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMT80C2 Datasheet(PDF) 11 Page - Emerson Network Power

Part # SMT80C2
Description  SIL/SMT80C2 Series
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

SMT80C2 Datasheet(HTML) 11 Page - Emerson Network Power

Back Button SMT80C2 Datasheet HTML 7Page - Emerson Network Power SMT80C2 Datasheet HTML 8Page - Emerson Network Power SMT80C2 Datasheet HTML 9Page - Emerson Network Power SMT80C2 Datasheet HTML 10Page - Emerson Network Power SMT80C2 Datasheet HTML 11Page - Emerson Network Power SMT80C2 Datasheet HTML 12Page - Emerson Network Power SMT80C2 Datasheet HTML 13Page - Emerson Network Power SMT80C2 Datasheet HTML 14Page - Emerson Network Power SMT80C2 Datasheet HTML 15Page - Emerson Network Power Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
0.9 V Setpoint
Figure10:ThermalDeratingCurve5.5Vin
Figure11:ThermalDeratingCurve12Vin
Figure12:Effiiciency0.9V
Figure13:ControlOn/Off
(Channel1:OutputVoltage,Channel3:Enable)
Figure14:TypicalRippleOutput
Rev. 04.25.11
SIL/SMT80C2
11 of 20
Embedded Power for
Business-Critical Continuity
Technical Reference Note
0
10
20
30
40
50
60
70
80
30
40
50
60
70
80
Ambient (C)
200 LFM
300 LFM
400 LFM
500 LFM
600 LFM
0
10
20
30
40
50
60
70
80
30
40
50
60
70
80
Ambient (C)
200 LFM
300 LFM
400 LFM
500 LFM
600 LFM
Figure11A:Thermalderatingcurve4.7Vinand13.8Vin
0
10
20
30
40
50
60
70
80
90
25
30
35
40
45
50
55
60
65
70
75
80
85
Ambient temp (ºC)
Thermal derating - 600LFM minimum airflow
4.7Vin,
0.84Vout
13.8Vin,
5.1Vout
13.8Vin,
5.0Vout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com