Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMT80C2 Datasheet(PDF) 10 Page - Emerson Network Power

Part # SMT80C2
Description  SIL/SMT80C2 Series
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

SMT80C2 Datasheet(HTML) 10 Page - Emerson Network Power

Back Button SMT80C2 Datasheet HTML 6Page - Emerson Network Power SMT80C2 Datasheet HTML 7Page - Emerson Network Power SMT80C2 Datasheet HTML 8Page - Emerson Network Power SMT80C2 Datasheet HTML 9Page - Emerson Network Power SMT80C2 Datasheet HTML 10Page - Emerson Network Power SMT80C2 Datasheet HTML 11Page - Emerson Network Power SMT80C2 Datasheet HTML 12Page - Emerson Network Power SMT80C2 Datasheet HTML 13Page - Emerson Network Power SMT80C2 Datasheet HTML 14Page - Emerson Network Power Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
Rev. 04.25.11
SIL/SMT80C2
10 of 20
Embedded Power for
Business-Critical Continuity
Technical Reference Note
Parameter
Test Conditions
Min
Typ
Max
Units
Turn On Specifications
TurnOnDelay(withVin)
2.7
3
ms
TurnOnDelay(withEnable)
3
12
ms
OutputRiseTIme
10%-90%
1.8
2
ms
Enable Specifications
SignalLow(UnitOff)
0
0.7
V
Signal Low Current
12 Vin
0
1.2
mA
SignalHigh(UnitOn)
12 Vin
3.4
V
SignalHighCurrent
1.0
µA
Protection Specifications
OverCurrentProtection
HiccupMode
108
A
Input Under Voltage (Rising)
4.7
V
Input Under Voltage (Falling)
4.0
V
General Specifications
MTBF
Telcorida SR-332
3.7
MHrs
Weight
45.36
g
SwitchingFrequency
PerPhase
500
kHz
Coplanarity
TBD
Material Ratings
Flammability
UL94V-0
Material Type
FR4 PCB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com