Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMT80C2 Datasheet(PDF) 1 Page - Emerson Network Power

Part # SMT80C2
Description  SIL/SMT80C2 Series
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

SMT80C2 Datasheet(HTML) 1 Page - Emerson Network Power

  SMT80C2 Datasheet HTML 1Page - Emerson Network Power SMT80C2 Datasheet HTML 2Page - Emerson Network Power SMT80C2 Datasheet HTML 3Page - Emerson Network Power SMT80C2 Datasheet HTML 4Page - Emerson Network Power SMT80C2 Datasheet HTML 5Page - Emerson Network Power SMT80C2 Datasheet HTML 6Page - Emerson Network Power SMT80C2 Datasheet HTML 7Page - Emerson Network Power SMT80C2 Datasheet HTML 8Page - Emerson Network Power SMT80C2 Datasheet HTML 9Page - Emerson Network Power Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Embedded Power for
Business-Critical Continuity
SXX06E Rev. 08.01.06 Page 1 of 2
Rev. 04.25.11
SIL/SMT80C2
1 of 20
Technical Reference Note
SIL/SMT80C2
80 Amp
Total Power:
400 W
Input Voltage: 4.7 - 13.8 VDC
# of Outputs:
Single
Special Features
• 80Acurrentrating
• Inputvoltagerange:
4.7-13.8 V
• Outputvoltage:0.8375-5.1 V
• Currentsharing
• Industryleadingvalue
• Costoptimizeddesign
• Excellenttransientresponse
• Outputvoltageadjustability
• Pathwayforfutureupgrades
• Supportssiliconvoltage
migration
• Reduceddesign-inand
qualification time
• Over-temperatureprotection
• RoHScompliant
Safety
Designedtomeet:
• UL, cUL 60950-1
• (EN60950)
Product Family:
SIL/SMT80C2 Series
Function:
Single In-Line Power
Usage:
LEDs, ASIC, Memory, FPGAs, Telecom and
Networking Equipment, Servers,
Industrial Equipment, POL Regulation
Definition:
TheSIL/SMT80C2isanewhighdensityopenframenon-isolated
converterseriesforspace-sensitiveapplications.Eachmodelhas
a wide input voltage range (4.7 - 13.8 V) and offers a wide 0.8375
-5.1Voutputvoltagerangewitha80Aload.Anexternalresistor
adjuststheoutputvoltagefromitspre-setvalueof0.8375Vto
anyvalueuptothemaximumallowedvalueforthatmodel.The
SIL/SMT80C2offersremoteON/OFFandover-currentprotection
as standard.


Similar Part No. - SMT80C2

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
SMT80C2-00SADJJ ARTESYN-SMT80C2-00SADJJ Datasheet
1Mb / 6P
POWER C-Class Non-Isolated; 80 Amps
More results

Similar Description - SMT80C2

ManufacturerPart #DatasheetDescription
logo
Meder Electronic
SIL05-1A31-71M MEDER-SIL05-1A31-71M Datasheet
92Kb / 1P
SIL Reed Relays
SIL05-1A31-71Q MEDER-SIL05-1A31-71Q Datasheet
92Kb / 1P
SIL Reed Relays
SIL12-1A31-71L MEDER-SIL12-1A31-71L Datasheet
92Kb / 1P
SIL Reed Relays
SIL05-1A72-71M MEDER-SIL05-1A72-71M Datasheet
116Kb / 2P
SIL Reed Relay
SIL05-1A72-71Q MEDER-SIL05-1A72-71Q Datasheet
129Kb / 2P
SIL Reed Relay
SIL05-1B90-71D MEDER-SIL05-1B90-71D Datasheet
69Kb / 1P
SIL Reed Relay
SIL05-1C90-51D MEDER-SIL05-1C90-51D Datasheet
74Kb / 1P
SIL Reed Relay
logo
Tyco Electronics
1544119-2 MACOM-1544119-2 Datasheet
87Kb / 1P
SIL CONTACT
1544256-2 MACOM-1544256-2 Datasheet
86Kb / 1P
SIL CONTACT
logo
List of Unclassifed Man...
SIP-06T ETC2-SIP-06T Datasheet
175Kb / 3P
SIL Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com