Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMT80C2 Datasheet(PDF) 3 Page - Emerson Network Power

Part # SMT80C2
Description  SIL/SMT80C2 Series
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

SMT80C2 Datasheet(HTML) 3 Page - Emerson Network Power

  SMT80C2 Datasheet HTML 1Page - Emerson Network Power SMT80C2 Datasheet HTML 2Page - Emerson Network Power SMT80C2 Datasheet HTML 3Page - Emerson Network Power SMT80C2 Datasheet HTML 4Page - Emerson Network Power SMT80C2 Datasheet HTML 5Page - Emerson Network Power SMT80C2 Datasheet HTML 6Page - Emerson Network Power SMT80C2 Datasheet HTML 7Page - Emerson Network Power SMT80C2 Datasheet HTML 8Page - Emerson Network Power SMT80C2 Datasheet HTML 9Page - Emerson Network Power Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Rev. 04.25.11
SIL/SMT80C2
3 of 20
Embedded Power for
Business-Critical Continuity
Technical Reference Note
Output Voltage Adjustment
Theoutputvoltageonallmodelsisadjustablefrom0.8375-5.1V.
Undervoltage Lockout
Thedefaultundervoltagelockoutissetat4.7V.
Current Limit and Short-Circuit Protection
TheSIL/SMT80C2modelhasabuilt-innon-latchingcurrentlimitfunctionandcontinuousshort-circuit
protection.Whenanovercurrentconditionoccurs,themodulegoesintohiccupmode,whereitattempts
topowerupperiodicallytodetermineiftheproblempersists.
Notethatnoneofthemodulespecificationsareguaranteedwhentheunitisoperatedinanovercurrent
condition.
Enable
TheenablepinallowsexternalcircuitrytoputtheSIL/SMT80C2converterintoalowdissipationstandby
mode. Positive logic enable pin is available as standard.
Theunitisturnedoniftheenablepinishigh(orfloating).Pullingthepinlowwilldisabletheunit.To
guaranteeturn-on,theenablevoltagemustbeabove1.25V. Todisable,theenablevoltagemustbe
pulled below 0.7 V.
Figures3and4showvariouscircuitsfordrivingtheEnablefeature.TheEnableinputcanbedriven
throughadiscretedevice(i.e.abipolarsignaltransistor)ordirectlyfromalogicgateoutput.Theoutput
ofthelogicgatemaybeanopen-collector(oropen-drain)device.
Features and Functions
Figure 3 - Enable Input Drive Circuit for Non-Isolated Biopolar
SIL80C2
Ground
Trim
Vin
Enable
Vout
5 V
SIL80C2
Ground
Trim
Vin
Enable
Vout
Figure 4 - Enable Input Drive Circuit for Logic Driver



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com