Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5034ACPZ-2-R7 Datasheet(PDF) 3 Page - Analog Devices

Part # ADP5034ACPZ-2-R7
Description  Dual 3 MHz, 1200 mA Buck Regulators with Two 300 mA LDOs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5034ACPZ-2-R7 Datasheet(HTML) 3 Page - Analog Devices

  ADP5034ACPZ-2-R7 Datasheet HTML 1Page - Analog Devices ADP5034ACPZ-2-R7 Datasheet HTML 2Page - Analog Devices ADP5034ACPZ-2-R7 Datasheet HTML 3Page - Analog Devices ADP5034ACPZ-2-R7 Datasheet HTML 4Page - Analog Devices ADP5034ACPZ-2-R7 Datasheet HTML 5Page - Analog Devices ADP5034ACPZ-2-R7 Datasheet HTML 6Page - Analog Devices ADP5034ACPZ-2-R7 Datasheet HTML 7Page - Analog Devices ADP5034ACPZ-2-R7 Datasheet HTML 8Page - Analog Devices ADP5034ACPZ-2-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
Data Sheet
ADP5034
Rev. A | Page 3 of 28
SPECIFICATIONS
GENERAL SPECIFICATIONS
VAVIN = VIN1 = VIN2 = 2.3 V to 5.5 V; VIN3 = VIN4 = 1.7 V to 5.5 V; TJ = −40°C to +125°C for minimum/maximum specifications, and TA =
25°C for typical specifications, unless otherwise noted.
Table 1.
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
INPUT VOLTAGE RANGE
VAVIN, VIN1, VIN2
2.3
5.5
V
THERMAL SHUTDOWN
Threshold
TSSD
TJ rising
150
°C
Hysteresis
TSSD-HYS
20
°C
START-UP TIME1
BUCK1, LDO1, LDO2
tSTART1
250
μs
BUCK2
tSTART2
300
μs
EN1, EN2, EN3, EN4, MODE INPUTS
Input Logic High
VIH
1.1
V
Input Logic Low
VIL
0.4
V
Input Leakage Current
VI-LEAKAGE
0.05
1
μA
INPUT CURRENT
All Channels Enabled
ISTBY-NOSW
No load, no buck switching
108
175
μA
All Channels Disabled
ISHUTDOWN
TJ = −40°C to +85°C
0.3
1
μA
VIN1 UNDERVOLTAGE LOCKOUT
High UVLO Input Voltage Rising
UVLOVIN1RISE
3.9
V
High UVLO Input Voltage Falling
UVLOVIN1FALL
3.1
V
Low UVLO Input Voltage Rising
UVLOVIN1RISE
2.275
V
Low UVLO Input Voltage Falling
UVLOVIN1FALL
1.95
V
1 Start-up time is defined as the time from EN1 = EN2 = EN3 = EN4 from 0 V to VAVIN to VOUT1, VOUT2, VOUT3, and VOUT4 reaching 90% of their nominal level. Start-up
times are shorter for individual channels if another channel is already enabled. See the Typi
section for more information.
cal Performance Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com