Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5034ACPZ-2-R7 Datasheet(PDF) 17 Page - Analog Devices

Part # ADP5034ACPZ-2-R7
Description  Dual 3 MHz, 1200 mA Buck Regulators with Two 300 mA LDOs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5034ACPZ-2-R7 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADP5034ACPZ-2-R7 Datasheet HTML 13Page - Analog Devices ADP5034ACPZ-2-R7 Datasheet HTML 14Page - Analog Devices ADP5034ACPZ-2-R7 Datasheet HTML 15Page - Analog Devices ADP5034ACPZ-2-R7 Datasheet HTML 16Page - Analog Devices ADP5034ACPZ-2-R7 Datasheet HTML 17Page - Analog Devices ADP5034ACPZ-2-R7 Datasheet HTML 18Page - Analog Devices ADP5034ACPZ-2-R7 Datasheet HTML 19Page - Analog Devices ADP5034ACPZ-2-R7 Datasheet HTML 20Page - Analog Devices ADP5034ACPZ-2-R7 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
Data Sheet
ADP5034
Rev. A | Page 17 of 28
BUCK1 AND BUCK2
The buck uses a fixed frequency and high speed current mode
architecture. The buck operates with an input voltage of 2.3 V
to 5.5 V.
The buck output voltage is set through external resistor
dividers, shown in Figure 47 for BUCK1. The output voltage
can optionally be factory programmed to default values as
indicated in the Ordering Guide section. In this event, R1 and
R2 are not needed, and FB1 can be left unconnected. In all
cases, VOUT1 must be connected to the output capacitor. FB1
is 0.5 V.
BUCK
AGND
FB1
SW1
R1
R2
VOUT1
VOUT1
VIN1
L1
1µH
C5
10µF
VOUT1 = VFB1
+ 1
R1
R2
Figure 47. BUCK1 External Output Voltage Setting
Control Scheme
The bucks operate with a fixed frequency, current mode PWM
control architecture at medium to high loads for high efficiency
but shift to a power save mode (PSM) control scheme at light
loads to lower the regulation power losses. When operating in
fixed frequency PWM mode, the duty cycle of the integrated
switches is adjusted and regulates the output voltage. When
operating in PSM at light loads, the output voltage is controlled
in a hysteretic manner, with higher output voltage ripple. During
part of this time, the converter is able to stop switching and
enters an idle mode, which improves conversion efficiency.
PWM Mode
In PWM mode, the bucks operate at a fixed frequency of 3 MHz
set by an internal oscillator. At the start of each oscillator cycle,
the pFET switch is turned on, sending a positive voltage across
the inductor. Current in the inductor increases until the current
sense signal crosses the peak inductor current threshold that
turns off the pFET switch and turns on the nFET synchronous
rectifier. This sends a negative voltage across the inductor,
causing the inductor current to decrease. The synchronous
rectifier stays on for the rest of the cycle. The buck regulates the
output voltage by adjusting the peak inductor current threshold.
Power Save Mode (PSM)
The bucks smoothly transition to PSM operation when the load
current decreases below the PSM current threshold. When
either of the bucks enters PSM, an offset is induced in the PWM
regulation level, which makes the output voltage rise. When the
output voltage reaches a level approximately 1.5% above the
PWM regulation level, PWM operation is turned off. At this
point, both power switches are off, and the buck enters an idle
mode. The output capacitor discharges until the output voltage
falls to the PWM regulation voltage, at which point the device
drives the inductor to make the output voltage rise again to the
upper threshold. This process is repeated while the load current
is below the PSM current threshold.
The ADP5034 has a dedicated MODE pin controlling the PSM
and PWM operation. A high logic level applied to the MODE
pin forces both bucks to operate in PWM mode. A logic level
low sets the bucks to operate in auto PSM/PWM.
PSM Current Threshold
The PSM current threshold is set to100 mA. The bucks employ
a scheme that enables this current to remain accurately
controlled, independent of input and output voltage levels. This
scheme also ensures that there is very little hysteresis between
the PSM current threshold for entry to and exit from the PSM.
The PSM current threshold is optimized for excellent efficiency
over all load currents.
Oscillator/Phasing of Inductor Switching
The ADP5034 ensures that both bucks operate at the same
switching frequency when both bucks are in PWM mode.
Additionally, the ADP5034 ensures that when both bucks are in
PWM mode, they operate out of phase, whereby the Buck2
pFET starts conducting exactly half a clock period after the
BUCK1 pFET starts conducting.
Short-Circuit Protection
The bucks include frequency foldback to prevent output current
runaway on a hard short. When the voltage at the feedback pin
falls below half the target output voltage, indicating the possi-
bility of a hard short at the output, the switching frequency is
reduced to half the internal oscillator frequency. The reduction
in the switching frequency allows more time for the inductor to
discharge, preventing a runaway of output current.
Soft Start
The bucks have an internal soft start function that ramps the
output voltage in a controlled manner upon startup, thereby
limiting the inrush current. This prevents possible input voltage
drops when a battery or a high impedance power source is
connected to the input of the converter.
Current Limit
Each buck has protection circuitry to limit the amount of
positive current flowing through the pFET switch and the
amount of negative current flowing through the synchronous
rectifier. The positive current limit on the power switch limits
the amount of current that can flow from the input to the
output. The negative current limit prevents the inductor
current from reversing direction and flowing out of the load.
100% Duty Operation
With a drop in input voltage, or with an increase in load
current, the buck may reach a limit where, even with the pFET
switch on 100% of the time, the output voltage drops below the
desired output voltage. At this limit, the buck transitions to a
mode where the pFET switch stays on 100% of the time. When



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com