Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5034ACPZ-2-R7 Datasheet(PDF) 23 Page - Analog Devices

Part # ADP5034ACPZ-2-R7
Description  Dual 3 MHz, 1200 mA Buck Regulators with Two 300 mA LDOs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5034ACPZ-2-R7 Datasheet(HTML) 23 Page - Analog Devices

Back Button ADP5034ACPZ-2-R7 Datasheet HTML 19Page - Analog Devices ADP5034ACPZ-2-R7 Datasheet HTML 20Page - Analog Devices ADP5034ACPZ-2-R7 Datasheet HTML 21Page - Analog Devices ADP5034ACPZ-2-R7 Datasheet HTML 22Page - Analog Devices ADP5034ACPZ-2-R7 Datasheet HTML 23Page - Analog Devices ADP5034ACPZ-2-R7 Datasheet HTML 24Page - Analog Devices ADP5034ACPZ-2-R7 Datasheet HTML 25Page - Analog Devices ADP5034ACPZ-2-R7 Datasheet HTML 26Page - Analog Devices ADP5034ACPZ-2-R7 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
Data Sheet
ADP5034
Rev. A | Page 23 of 28
Switching losses are associated with the current drawn by the
driver to turn on and turn off the power devices at the switching
frequency. The amount of switching power loss is given by
PSW = (CGATE-P + CGATE-N) × VIN12 × fSW
(10)
where:
CGATE-P is the P-MOSFET gate capacitance.
CGATE-N is the N-MOSFET gate capacitance.
For the ADP5034, the total of (
CGATE-P + CGATE-N) is
approximately 150 pF.
The transition losses occur because the P-channel power
MOSFET cannot be turned on or off instantaneously, and the
SW node takes some time to slew from near ground to near
VOUT1 (and from VOUT1 to ground). The amount of transition
loss is calculated by
PTRAN = VIN1 × IOUT1 × (tRISE + tFALL) × fSW
(11)
where
tRISE and tFALL are the rise time and the fall time of the
switching node, SW. For the ADP5034, the rise and fall times of
SW are in the order of 5 ns.
If the preceding equations and parameters are used for estimat-
ing the converter efficiency, it must be noted that the equations
do not describe all of the converter losses, and the parameter
values given are typical numbers. The converter performance
also depends on the choice of passive components and board
layout; therefore, a sufficient safety margin should be included
in the estimate.
LDO Regulator Power Dissipation
The power loss of a LDO regulator is given by
PDLDO = [(VIN − VOUT) × ILOAD] + (VIN × IGND)
(12)
where:
ILOAD is the load current of the LDO regulator.
VIN and VOUT are input and output voltages of the LDO,
respectively.
IGND is the ground current of the LDO regulator.
Power dissipation due to the ground current is small and it
can be ignored.
The total power dissipation in the ADP5034 simplifies to
PD = PDBUCK1 + PDBUCK2 + PDLDO1 + PDLDO2
(13)
JUNCTION TEMPERATURE
In cases where the board temperature, TA, is known, the
thermal resistance parameter, θJA, can be used to estimate the
junction temperature rise. TJ is calculated from TA and PD using
the formula
TJ = TA + (PD × θJA)
(14)
The typical θJA value for the 24-lead, 4 mm × 4 mm LFCSP is
35°C/W (see Table 6). A very important factor to consider is
that θJA is based on a 4-layer 4 in × 3 in, 2.5 oz copper, as per
JEDEC standard, and real applications may use different sizes
and layers. It is important to maximize the copper used to remove
the heat from the device. Copper exposed to air dissipates heat
better than copper used in the inner layers. The exposed pad
should be connected to the ground plane with several vias.
If the case temperature can be measured, the junction
temperature is calculated by
TJ = TC + (PD × θJC)
(15)
where
TC is the case temperature and θJC is the junction-to-case
thermal resistance provided in Table 6.
When designing an application for a particular ambient
temperature range, calculate the expected ADP5034 power
dissipation (PD) due to the losses of all channels by using the
Equation 8 to Equation 13. From this power calculation, the
junction temperature, TJ, can be estimated using Equation 14.
The reliable operation of the converter and the two LDO regulators
can be achieved only if the estimated die junction temperature of
the ADP5034 (Equation 14) is less than 125°C. Reliability and
mean time between failures (MTBF) are highly affected by increas-
ing the junction temperature. Additional information about
product reliability can be found from the
ADI Reliability Handbook,
which can be found at www.analog.com/reliability_handbook
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com