Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5034ACPZ-2-R7 Datasheet(PDF) 11 Page - Analog Devices

Part # ADP5034ACPZ-2-R7
Description  Dual 3 MHz, 1200 mA Buck Regulators with Two 300 mA LDOs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5034ACPZ-2-R7 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADP5034ACPZ-2-R7 Datasheet HTML 7Page - Analog Devices ADP5034ACPZ-2-R7 Datasheet HTML 8Page - Analog Devices ADP5034ACPZ-2-R7 Datasheet HTML 9Page - Analog Devices ADP5034ACPZ-2-R7 Datasheet HTML 10Page - Analog Devices ADP5034ACPZ-2-R7 Datasheet HTML 11Page - Analog Devices ADP5034ACPZ-2-R7 Datasheet HTML 12Page - Analog Devices ADP5034ACPZ-2-R7 Datasheet HTML 13Page - Analog Devices ADP5034ACPZ-2-R7 Datasheet HTML 14Page - Analog Devices ADP5034ACPZ-2-R7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
Data Sheet
ADP5034
Rev. A | Page 11 of 28
2
4
T
1
CH1 50mV
M 400ns
A CH2
220mA
T 28.40%
BW CH2 500mA Ω
CH4 2.00V
BW
ISW
VOUT
SW
Figure 21. Typical Waveforms, VOUT1 = 3.3 V, IOUT1 = 30 mA, PWM Mode
2
4
T
1
CH1 50mV
M 400ns
A CH2
220mA
T 28.40%
BW CH2 500mA Ω
CH4 2.00V
BW
ISW
VOUT
SW
Figure 22. Typical Waveforms, VOUT2 = 1.8 V, IOUT2 = 30 mA, PWM Mode
CH1 50.0mV
CH3 1.00V
CH4 2.00V
M 1.00ms
A CH3
4.80V
1
3
T 30.40%
T
BW
BW
BW
VOUT
VIN
SW
Figure 23. BUCK1 Response to Line Transient, Input Voltage from 4.5 V to
5.0 V, VOUT1 = 3.3 V, PWM Mode
1
4
T
3
CH1 50.0mV
CH3 1.00V
CH4 2.00V
M 1.00ms
A CH3
4.80V
T 30.40%
BW
BW
BW
VOUT
VIN
SW
Figure 24. BUCK2 Response to Line Transient, VIN2 = 4.5 V to 5.0 V,
VOUT2 = 1.8 V, PWM Mode
4
1
T
2
CH1 50.0mV
CH4 5.00V
M 20.0µs A CH2
356mA
T 60.000µs
BW CH2 50.0mA Ω BW
BW
VOUT
IOUT
SW
Figure 25. BUCK1 Response to Load Transient, IOUT1 from 1 mA to 50 mA,
VOUT1 = 3.3 V, Auto Mode
4
1
T
2
CH1 50.0mV
CH4 5.00V
M 20.0µs A CH2
379mA
T 22.20%
BW CH2 50.0mA Ω BW
BW
VOUT
IOUT
SW
Figure 26. BUCK2 Response to Load Transient, IOUT2 from 1 mA to 50 mA,
VOUT2 = 1.8 V, Auto Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com