Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5034ACPZ-2-R7 Datasheet(PDF) 19 Page - Analog Devices

Part # ADP5034ACPZ-2-R7
Description  Dual 3 MHz, 1200 mA Buck Regulators with Two 300 mA LDOs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5034ACPZ-2-R7 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADP5034ACPZ-2-R7 Datasheet HTML 15Page - Analog Devices ADP5034ACPZ-2-R7 Datasheet HTML 16Page - Analog Devices ADP5034ACPZ-2-R7 Datasheet HTML 17Page - Analog Devices ADP5034ACPZ-2-R7 Datasheet HTML 18Page - Analog Devices ADP5034ACPZ-2-R7 Datasheet HTML 19Page - Analog Devices ADP5034ACPZ-2-R7 Datasheet HTML 20Page - Analog Devices ADP5034ACPZ-2-R7 Datasheet HTML 21Page - Analog Devices ADP5034ACPZ-2-R7 Datasheet HTML 22Page - Analog Devices ADP5034ACPZ-2-R7 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
Data Sheet
ADP5034
Rev. A | Page 19 of 28
APPLICATIONS INFORMATION
BUCK EXTERNAL COMPONENT SELECTION
Trade-offs between performance parameters such as efficiency
and transient response can be made by varying the choice of
external components in the applications circuit, as shown in
Figure 1.
Feedback Resistors
For the adjustable model, referring to Figure 49 the total
combined resistance for R1 and R2 is not to exceed 400 kΩ.
Inductor
The high switching frequency of the ADP5034 bucks allows for
the selection of small chip inductors. For best performance, use
inductor values between 0.7 μH and 3 μH. Suggested inductors
are shown in Table 8.
The peak-to-peak inductor current ripple is calculated using
the following equation:
L
f
V
V
V
V
I
SW
IN
OUT
IN
OUT
RIPPLE
×
×
−
×
=
)
(
where:
fSW is the switching frequency.
L is the inductor value.
The minimum dc current rating of the inductor must be greater
than the inductor peak current. The inductor peak current is
calculated using the following equation:
2
)
(
RIPPLE
MAX
LOAD
PEAK
I
I
I
+
=
Inductor conduction losses are caused by the flow of current
through the inductor, which has an associated internal dc
resistance (DCR). Larger sized inductors have smaller DCR,
which may decrease inductor conduction losses. Inductor core
losses are related to the magnetic permeability of the core material.
Because the bucks are high switching frequency dc-to-dc
converters, shielded ferrite core material is recommended for
its low core losses and low EMI.
Output Capacitor
Higher output capacitor values reduce the output voltage ripple
and improve load transient response. When choosing this value,
it is also important to account for the loss of capacitance due to
output voltage dc bias.
Ceramic capacitors are manufactured with a variety of dielec-
trics, each with a different behavior over temperature and
applied voltage. Capacitors must have a dielectric adequate
to ensure the minimum capacitance over the necessary
temperature range and dc bias conditions. X5R or X7R
dielectrics with a voltage rating of 6.3 V or 10 V are recom-
mended for best performance. Y5V and Z5U dielectrics are
not recommended for use with any dc-to-dc converter because
of their poor temperature and dc bias characteristics.
The worst-case capacitance accounting for capacitor variation
over temperature, component tolerance, and voltage is calcu-
lated using the following equation:
CEFF = COUT × (1 − TEMPCO) × (1 − TOL)
where:
CEFF is the effective capacitance at the operating voltage.
TEMPCO is the worst-case capacitor temperature coefficient.
TOL is the worst-case component tolerance.
In this example, the worst-case temperature coefficient
(TEMPCO) over −40°C to +85°C is assumed to be 15% for an
X5R dielectric. The tolerance of the capacitor (TOL) is assumed
to be 10%, and COUT is 9.2 μF at 1.8 V, as shown in Figure 49.
Substituting these values in the equation yields
CEFF = 9.2 μF × (1 − 0.15) × (1 − 0.1) ≈ 7.0 μF
To guarantee the performance of the bucks, it is imperative
that the effects of dc bias, temperature, and tolerances on the
behavior of the capacitors be evaluated for each application.
0
2
4
6
8
10
12
012
3456
DC BIAS VOLTAGE (V)
Figure 49. Capacitance vs. Voltage Characteristic
Table 8. Suggested 1.0 μH Inductors
Vendor
Model
Dimensions (mm)
ISAT (mA)
DCR (mΩ)
Murata
LQM2MPN1R0NG0B
2.0 × 1.6 × 0.9
1400
85
Murata
LQH32PN1R0NN0
3.2 × 2.5 × 1.6
2300
45
Taiyo Yuden
CBC3225T1R0MR
3.2 × 2.5 × 2.5
2000
71
Coilcraft®
XFL4020-102ME
4.0 × 4.0 × 2.1
5400
11
Coilcraft
XPL2010-102ML
1.9 × 2.0 × 1.0
1800
89
Toko
MDT2520-CN
2.5 × 2.0 × 1.2
1350
85



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com