Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5034ACPZ-2-R7 Datasheet(PDF) 15 Page - Analog Devices

Part # ADP5034ACPZ-2-R7
Description  Dual 3 MHz, 1200 mA Buck Regulators with Two 300 mA LDOs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5034ACPZ-2-R7 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADP5034ACPZ-2-R7 Datasheet HTML 11Page - Analog Devices ADP5034ACPZ-2-R7 Datasheet HTML 12Page - Analog Devices ADP5034ACPZ-2-R7 Datasheet HTML 13Page - Analog Devices ADP5034ACPZ-2-R7 Datasheet HTML 14Page - Analog Devices ADP5034ACPZ-2-R7 Datasheet HTML 15Page - Analog Devices ADP5034ACPZ-2-R7 Datasheet HTML 16Page - Analog Devices ADP5034ACPZ-2-R7 Datasheet HTML 17Page - Analog Devices ADP5034ACPZ-2-R7 Datasheet HTML 18Page - Analog Devices ADP5034ACPZ-2-R7 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
Data Sheet
ADP5034
Rev. A | Page 15 of 28
THEORY OF OPERATION
LDO
CONTROL
LDO
UNDERVOLTAGE
LOCKOUT
SOFT START
PWM/
PSM
CONTROL
BUCK2
DRIVER
AND
ANTISHOOT
THROUGH
SOFT START
DRIVER
AND
ANTISHOOT
THROUGH
OSCILLATOR
THERMAL
SHUTDOWN
SYSTEM
UNDERVOLTAGE
LOCKOUT
PWM
COMP
GM ERROR
AMP
GM ERROR
AMP
PSM
COMP
PSM
COMP
LOW
CURRENT
ILIMIT
PWM
COMP
LOW
CURRENT
ILIMIT
R1
R2
ADP5034
VOUT1
VOUT2
VIN1
AVIN
SW1
PGND1
VIN3
AGND
VOUT3
FB3
PGND2
SW2
VIN2
AVIN
75Ω
ENBK1
ENABLE
AND
MODE
CONTROL
EN1
ENBK1
ENBK2
ENLDO1
ENLDO2
600Ω
ENLDO2
75Ω
ENBK2
EN2
EN3
EN4
600Ω
ENLDO1
LDO
CONTROL
LDO
UNDERVOLTAGE
LOCKOUT
R3
R4
VIN4
VOUT4
AVIN
FB4
B
SEL
OP
MODE
MODE2
A
Y
MODE
FB1 FB2
PWM/
PSM
CONTROL
BUCK1
Figure 45. Functional Block Diagram
POWER MANAGEMENT UNIT
The ADP5034 is a micropower management units (micro
PMU) combining two step-down (buck) dc-to-dc convertors
and two low dropout linear regulators (LDOs). The high
switching frequency and tiny 24-lead LFCSP package allow for
a small power management solution.
To combine these high performance regulators into the micro
PMU, there is a system controller allowing them to operate
together.
The buck regulators can operate in forced PWM mode if the
MODE pin is at a logic high level. In forced PWM mode, the
buck switching frequency is always constant and does not
change with the load current. If the MODE pin is at logic low
level, the switching regulators operate in auto PWM/PSM
mode. In this mode, the regulators operate at fixed PWM
frequency when the load current is above the PSM current
threshold. When the load current falls below the PSM current
threshold, the regulator in question enters PSM, where the
switching occurs in bursts. The burst repetition rate is a
function of the current load and the output capacitor value.
This operating mode reduces the switching and quiescent
current losses. The auto PWM/PSM mode transition is
controlled independently for each buck regulator. The two
bucks operate synchronized to each other.
The ADP5034 has individual enable pins (EN1 to EN4) control-
ling the activation of each regulator. The regulators are activated
by a logic level high applied to the respective EN pin. EN1 controls
BUCK1, EN2 controls BUCK2, EN3 controls LDO1, and EN4
controls LDO2.
Regulator output voltages are set through external resistor
dividers or can be optionally factory programmed to default
values (see the Ordering Guide section).
When a regulator is turned on, the output voltage ramp rate is
controlled though a soft start circuit to avoid a large inrush
current due to the charging of the output capacitors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com