Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT67F50 Datasheet(PDF) 10 Page - Holtek Semiconductor Inc

Part # HT67F50
Description  TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPROM
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT67F50 Datasheet(HTML) 10 Page - Holtek Semiconductor Inc

Back Button HT67F50 Datasheet HTML 6Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 7Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 8Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 9Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 10Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 11Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 12Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 13Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 14Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 242 page
background image
Rev. 1.50
10
March 06 , 2012
Rev. 1.50
11
March 06 , 2012
HT67F30/HT67F40/HT67F50/HT67F60
TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPRO
Block Diagram
Flash/EEPROM
Programming
Circuitry (ICP)
Watchdog
Timer
8-bit
RISC
MCU
Core
Reset
Circuit
Interrupt
Controller
ERC/EC/HXT
Oscillator
12-Bit A/D
Converter
LIRC/LXT
Oscillator
HIRC
Oscillator
Stack
EEPROM
Data
Memory
Flash
Program
Memory
RAM
Data
Memory
SPI
TM0
Low
Voltage
Reset
Low
Voltage
Detect
TM1
TMn
Comparators
TB0/TB1
I/O
LCD
Driver
SIM
Pin Assignment
HT 67 F3 0
48 LQ FP -A
13 14 15 16 1 7 18 19 20 21 2 2 23 2 4
48 47 46 45 4 4 43 42 41 40 3 9 38 3 7
1
2
3
4
5
6
7
8
9
10
11
12
36
35
34
33
32
31
30
29
28
27
26
25
SE G1 4/ PE6 /[C 1X ]
SE G1 5/ PE7 /[C 1X ]
SE G1 6
SE G1 7
SE G1 8
SE G1 9
CO M3 /S EG 24
CO M2
CO M1
CO M0
C2
C1
SE G1 /P D1 /[ TP 0_1]
SE G0 /P D0 /[ TP 0_0]
PC 1/ TP 1B _1 /C 1- /S DO
PC 0/ TP 1B _0 /C 1+ /S DI /S DA
PA 7/ TP 0 _1/ AN 7/ SC K/ SC L
PA 6/ AN 6/ SC S
PA 5/ C1 X/ PC K/ AN 5
PA 4/ IN T1 /P IN T/ TC K1 /A N4
PA 3/ IN T0 /A N3 /C 0- /S DO A
PA 2/ TC K0 /A N2 /C 0+ /S DI A
PA 1/ TP 1A /A N1 /S CK A
PA 0/ C0 X/ TP 0_0 /A N0 /S CS A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com