Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT67F50 Datasheet(PDF) 35 Page - Holtek Semiconductor Inc

Part # HT67F50
Description  TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPROM
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT67F50 Datasheet(HTML) 35 Page - Holtek Semiconductor Inc

Back Button HT67F50 Datasheet HTML 31Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 32Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 33Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 34Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 35Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 36Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 37Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 38Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 39Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 242 page
background image
HT67F30/HT67F40/HT67F50/HT67F60
TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPROM
Rev. 1.50
34
March 06 , 2012
Rev. 1.50
35
March 06 , 2012
Look-up Table
Any location within the Program Memory can be defined as a look-up table where programmers can
store fixed data. To use the look-up table, the table pointer must first be setup by placing the address
of the look up data to be retrieved in the table pointer register, TBLP and TBHP. These registers
define the total address of the look-up table.
After setting up the table pointer, the table data can be retrieved from the Program Memory using
the ”TABRD[m]” or ”TABRDL[m]” instructions, respectively. When the instruction is executed, the
lower order table byte from the Program Memory will be transferred to the user defined Data
Memory register [m] as specified in the instruction. The higher order table data byte from the
Program Memory will be transferred to the TBLH special register. Any unused bits in this
transferred higher order byte will be read as0.
The accompanying diagram illustrates the addressing data flow of the look-up table.
R egi st er T BL H
Us er S el ec te d
R egi st er
Hi gh By te
Low B yt e
TB LP R egi st er
Da ta
15~ 16 bi ts
Pr og ra m Me mo ry
Las t page or
TB HP R eg is te r
Table Program Example
The following example shows how the table pointer and table data is defined and retrieved from the
microcontroller. This example uses raw table data located in the Program Memory which is stored
there using the ORG statement. The value at this ORG statement is “700H” which refers to the start
address of the last page within the 2K Program Memory of the HT67F30. The table pointer is setup
here to have an initial value of “06H”. This will ensure that the first data read from the data table
will be at the Program Memory address “706H” or 6 locations after the start of the last page. Note
that the value for the table pointer is referenced to the first address of the present page if the
“TABRD [m]” instruction is being used. The high byte of the table data which in this case is equal
to zero will be transferred to the TBLH register automatically when the “TABRD [m]” instruction is
executed.
Because the TBLH register is a read-only register and cannot be restored, care should be taken to
ensure its protection if both the main routine and Interrupt Service Routine use table read
instructions. If using the table read instructions, the Interrupt Service Routines may change the value
of the TBLH and subsequently cause errors if used again by the main routine. As a rule it is
recommended that simultaneous use of the table read instructions should be avoided. However, in
situations where simultaneous use cannot be avoided, the interrupts should be disabled prior to the
execution of any main routine table-read instructions. Note that all table related instructions require
two instruction cycles to complete their operation.
In Circuit Programming
The provision of Flash type Program Memory provides the user with a means of convenient and
easy upgrades and modifications to their programs on the same device. As an additional
convenience, Holtek has provided a means of programming the microcontroller in-circuit using a



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com