Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT67F50 Datasheet(PDF) 17 Page - Holtek Semiconductor Inc

Part # HT67F50
Description  TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPROM
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT67F50 Datasheet(HTML) 17 Page - Holtek Semiconductor Inc

Back Button HT67F50 Datasheet HTML 13Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 14Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 15Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 16Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 17Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 18Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 19Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 20Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 21Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 242 page
background image
HT67F30/HT67F40/HT67F50/HT67F60
TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPROM
Rev. 1.50
16
March 06 , 2012
Rev. 1.50
17
March 06 , 2012
Pin Name
Function
OP
I/T
O/T
Pin-Shared Mapping
TP2_0, TP2_1
TM2 I/O
TMPC1
PRM2
ST
CMOS PC3, PC4 or PD6, PD7
INT0, INT1
Ext. Interrupt 0, 1
PRM1
ST
—
PA3, PA4 or PE4, PE5
PINTB
Peripheral Interrupt
PRM0
ST
—
PA4 or PC0
PCK
Peripheral Clock output
PRM0
—
CMOS
PA5 or PC1
SDI
SPI Data input
PRM0
ST
—
PC0 or PC4
SDO
SPI Data output
PRM0
—
CMOS
PC1 or PC5
SCS
SPI Slave Select
PRM0
ST
CMOS
PA6 or PC2
SCK
SPI Serial Clock
PRM0
ST
CMOS
PA7 or PC3
SCL
I2C Clock
PRM0
ST
NMOS
PA7 or PC3
SDA
I2C Data
PRM0
ST
NMOS
PC0 or PC4
SDIA
SPIA Data input
—
ST
—
PA2
SDOA
SPIA Data output
—
—
CMOS
PA3
SCSA
SPIA Slave Select
—
ST
CMOS
PA0
SCKA
SPIA Serial Clock
—
ST
CMOS
PA1
OSC1
HXT/ERC pin
CO
HXT
—
PB1
OSC2
HXT pin
CO
—
HXT
PB2
XT1
LXT pin
CO
LXT
—
PB3
XT2
LXT pin
CO
—
LXT
PB4
RES
Reset input
CO
ST
—
PB0
VDD
Power supply *
—
PWR
—
—
AVDD
ADC power supply *
—
PWR
—
—
VSS
Ground **
—
PWR
—
—
AVSS
ADC ground **
—
PWR
—
—
VLCD
LCD power supply
—
PWR
—
—
VMAX
IC maximum voltage,
connect to VDD, VLCD1
or V1
—
PWR
—
—
V1,V2,C1,C2
LCD voltage pump
—
—
—
—
SEG0~7
LCD segment output
—
—
CMOS
PD0~PD7
SEG8~15
LCD segment output
—
—
CMOS
PE0~PE7
SEG16~23
LCD segment output
—
—
CMOS
PF0~PF7
SEG24~32
LCD segment output
—
—
CMOS
—
COM0~3
LCD common output
—
—
CMOS
—
Note: I/T: Input type; O/T: Output type
OP: Optional by configuration option (CO) or register option
PWR: Power; CO: Configuration option; ST: Schmitt Trigger input
CMOS: CMOS output; NMOS: NMOS output
AN: Analog input pin
HXT: High frequency crystal oscillator
LXT: Low frequency crystal oscillator
*: VDD is the device power supply while AVDD is the ADC power supply. The AVDD pin is
bonded together internally with VDD.
**: VSS is the device ground pin while AVSS is the ADC ground pin. The AVSS pin is
bonded together internally with VSS.
As the Pin Description Summary table applies to the package type with the most pins, not all
of the above listed pins may be present on package types with smaller numbers of pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com