Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT67F50 Datasheet(PDF) 22 Page - Holtek Semiconductor Inc

Part # HT67F50
Description  TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPROM
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT67F50 Datasheet(HTML) 22 Page - Holtek Semiconductor Inc

Back Button HT67F50 Datasheet HTML 18Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 19Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 20Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 21Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 22Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 23Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 24Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 25Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 26Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 242 page
background image
Rev. 1.50
22
March 06 , 2012
Rev. 1.50
23
March 06 , 2012
HT67F30/HT67F40/HT67F50/HT67F60
TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPRO
Absolute Maximum Ratings
Supply Voltage ................................................................................................VSS-0.3V to VSS+6.0V
Input Voltage ..................................................................................................VSS-0.3V to VDD+0.3V
IOLTotal
....................................................................................................80mA
Total Power Dissipation ........................................................................................................ 500mW
Storage Temperature ..................................................................................................-50°C to 125°C
Operating Temperature ................................................................................................-40°C to 85°C
IOH Total
..................................................................................................-80mA
Note: These are stress ratings only. Stresses exceeding the range specified under “Absolute Maximum
Ratings” may cause substantial damage to the device. Functional operation of this device at other
conditions beyond those listed in the specification is not implied and prolonged exposure to extreme
conditions may affect device reliability.
D.C. Characteristics
Ta=25°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VDD
Operating Voltage
(HXT, ERC, HIRC)
—
fSYS=4MHz
2.2
—
5.5
V
fSYS=8MHz
2.4
—
5.5
V
fSYS=12MHz
2.7
—
5.5
V
fSYS=20MHz
4.5
—
5.5
V
IDD1
Operating Current
(Crystal OSC,
fSYS=fH, fS=fSUB=fLXT
or fLIRC)
3V No load, fH=455kHz, ADC off,
WDT enable
—
100
150
µA
5V
—
300
450
µA
3V No load, fH=1MHz, ADC off,
WDT enable
—
240
360
µA
5V
—
480
720
µA
3V No load, fH=4MHz, ADC off,
WDT enable
—
400
600
µA
5V
—
0.8
1.2
mA
3V No load, fH=8MHz, ADC off,
WDT enable
—
0.8
1.2
mA
5V
—
1.6
2.4
mA
3V No load, fH=12MHz, ADC off,
WDT enable
—
1.2
1.8
mA
5V
—
2.4
3.6
mA
3V No load, fH=16MHz, ADC off,
WDT enable
—
1.6
2.4
mA
5V
—
3.2
4.8
mA
5V No load, f
H
=20MHz, ADC off,
WDT enable
—
4.0
6.0
mA
IDD2
Operating Current
(ERC OSC, fSYS=fH,
fS=fSUB=fLXT or fLIRC)
3V No load, fH=455kHz, ADC off,
WDT enable
—
120
180
µA
5V
—
240
360
µA
3V No load, fH=1MHz, ADC off,
WDT enable
—
200
300
µA
5V
—
400
600
µA
3V No load, fH=4MHz, ADC off,
WDT enable
—
500
750
µA
5V
—
1
1.5
mA
3V No load, fH=8MHz, ADC off,
WDT enable
—
1
1.5
mA
5V
—
2
3.0
mA
3V No load, fH=12MHz, ADC off,
WDT enable
—
1.5
2.75
mA
5V
—
3.0
4.5
mA
5V No load, f
H
=16MHz, ADC off,
WDT enable
—
4.0
6.0
µA
IDD3
Operating Current
(HIRC OSC, fSYS=fH,
fS=fSUB=fLXT or fLIRC)
3V No load, fH=4MHz, ADC off,
WDT enable
—
400
600
µA
5V
—
0.8
1.2
mA
3V No load, fH=8MHz, ADC off,
WDT enable
—
0.8
1.2
mA
5V
—
1.6
2.4
mA
3V No load, fH=12MHz, ADC off,
WDT enable
—
1.2
1.8
mA
5V
—
2.4
3.6
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com