Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT67F50 Datasheet(PDF) 44 Page - Holtek Semiconductor Inc

Part # HT67F50
Description  TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPROM
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT67F50 Datasheet(HTML) 44 Page - Holtek Semiconductor Inc

Back Button HT67F50 Datasheet HTML 40Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 41Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 42Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 43Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 44Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 45Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 46Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 47Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 48Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 242 page
background image
Rev. 1.50
44
March 06 , 2012
Rev. 1.50
45
March 06 , 2012
HT67F30/HT67F40/HT67F50/HT67F60
TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPRO
Bank Pointer – BP
Depending upon which device is used, the Program and Data Memory are divided into several
banks. Selecting the required Program and Data Memory area is achieved using the Bank Pointer.
Bit 5 of the Bank Pointer is used to select Program Memory Bank 0 or 1, while bits 0~2 are used to
select Data Memory Banks 0~5.
The Data Memory is initialised to Bank 0 after a reset, except for a WDT time-out reset in the Power
Down Mode, in which case, the Data Memory bank remains unaffected. It should be noted that the
Special Function Data Memory is not affected by the bank selection, which means that the Special
Function Registers can be accessed from within any bank. Directly addressing the Data Memory
will always result in Bank 0 being accessed irrespective of the value of the Bank Pointer. Accessing
data from banks other than Bank 0 must be implemented using Indirect addressing.
As both the Program Memory and Data Memory share the same Bank Pointer Register, care must be
taken during programming.
Device
Bit
7
6
5
4
3
2
1
0
HT67F30
—
—
—
—
—
—
—
DMBP0
HT67F40
—
—
—
—
—
—
DMBP1
DMBP0
HT67F50
—
—
—
—
—
—
DMBP1
DMBP0
HT67F60
—
—
PMBP0
—
—
DMBP2
DMBP1
DMBP0
BP Registers List
BP Register
●
HT67F30
Bit
7
6
5
4
3
2
1
0
Name
—
—
—
—
—
—
—
DMBP0
R/W
—
—
—
—
—
—
—
R/W
POR
—
—
—
—
—
—
—
0
Bit 7 ~ 3
Unimplemented, read as "0"
Bit 0
DMBP0: Select Data Memory Banks
0: Bank 0
1: Bank 1
●
HT67F40
Bit
7
6
5
4
3
2
1
0
Name
—
—
—
—
—
—
DMBP1
DMBP0
R/W
—
—
—
—
—
—
R/W
R/W
POR
—
—
—
—
—
—
0
0
Bit 7 ~ 2
Unimplemented, read as "0"
Bit 1 ~ 0
DMBP1, DMBP0: Select Data Memory Banks
00: Bank 0
01: Bank 1
10: Bank 2
11: Undefined



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com