Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT67F50 Datasheet(PDF) 39 Page - Holtek Semiconductor Inc

Part # HT67F50
Description  TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPROM
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT67F50 Datasheet(HTML) 39 Page - Holtek Semiconductor Inc

Back Button HT67F50 Datasheet HTML 35Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 36Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 37Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 38Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 39Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 40Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 41Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 42Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 43Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 242 page
background image
HT67F30/HT67F40/HT67F50/HT67F60
TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPROM
Rev. 1.50
38
March 06 , 2012
Rev. 1.50
39
March 06 , 2012
00H
01H
02H
03H
04H
05H
06H
07H
08H
09H
0A H
0B H
0C H
0D H
0E H
0F H
10H
11H
12H
13H
14H
15H
16H
17H
18H
19H
1A H
1B H
1C H
1D H
1E H
1F H
20 H
21 H
22 H
23 H
24 H
25 H
26 H
27 H
28 H
29 H
2A H
2B H
2C H
2D H
2E H
2F H
IA R0
MP 0
IA R1
MP 1
BP
AC C
PC L
TB LP
TB LH
TB HP
ST AT US
SM OD
LV DC
IN TE G
WD TC
TB C
IN TC 0
IN TC 1
IN TC 2
Un u se d
MF I0
MF I1
MF I2
MF I3
PA WU
PAPU
PA
PA C
PBPU
PB
PB C
PC PU
PC
PC C
PD
PD C
PD PU
PEPU
PE
PE C
Un u se d
Un u se d
Un u se d
Un u se d
Un u se d
Un u se d
AD RL
AD RH
30 H
31 H
32 H
33 H
34 H
35 H
36 H
37 H
38 H
39 H
3A H
3B H
3C H
3D H
3E H
3F H
40 H
41 H
42 H
43 H
44 H
45 H
46 H
47 H
48 H
49 H
4A H
4B H
4C H
4D H
4E H
4F H
50 H
51 H
52 H
53 H
54 H
55 H
56 H
57 H
58 H
59 H
5A H
5B H
5C H
5D H
5E H
5F H
Ba nk 0 , 1, 2
Ba nk 0 , 2B an k 1
AD CR0
AD CR1
AC ER L
Un u se d
CP 0C
CP 1C
SI MC 0
SI MC 1
SI MD
SI MA /S IM C2
TM 0C 0
TM 0C 1
TM 0D L
TM 0D H
TM 0A L
TM 0A H
Un us ed
E EC
EE A
EE D
TM PC 0
Un u se d
PR M0
PR M1
PR M2
TM 1C 0
TM 1C 1
TM 1C 2
TM 1D L
TM 1D H
TM 1A L
TM 1A H
TM 1B L
TM 1B H
L CDCT RL
L CDO UT 0
L CDO UT 1
Un u se d
SP IA C0
SP IA C1
SP IA D
Un u se d
Un u se d
Un u se d
Un u se d
Un u se d
Un u se d
Un u se d
Un u se d
HT67F30 Special Purpose Data Memory



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com