Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F2136CSNFP Datasheet(PDF) 36 Page - Renesas Technology Corp

Part # R5F2136CSNFP
Description  RENESAS MCU
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F2136CSNFP Datasheet(HTML) 36 Page - Renesas Technology Corp

Back Button R5F2136CSNFP Datasheet HTML 32Page - Renesas Technology Corp R5F2136CSNFP Datasheet HTML 33Page - Renesas Technology Corp R5F2136CSNFP Datasheet HTML 34Page - Renesas Technology Corp R5F2136CSNFP Datasheet HTML 35Page - Renesas Technology Corp R5F2136CSNFP Datasheet HTML 36Page - Renesas Technology Corp R5F2136CSNFP Datasheet HTML 37Page - Renesas Technology Corp R5F2136CSNFP Datasheet HTML 38Page - Renesas Technology Corp R5F2136CSNFP Datasheet HTML 39Page - Renesas Technology Corp R5F2136CSNFP Datasheet HTML 40Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 61 page
background image
R8C/36T-A Group
4. Electrical Characteristics
R01DS0055EJ0100 Rev.1.00
Page 36 of 58
Dec 09, 2011
4.3
Peripheral Function Characteristics
Notes:
1. If the CPU and the flash memory stop, the A/D conversion result will be undefined.
2. When the analog input voltage exceeds the reference voltage, the A/D conversion result will be 3FFh in 10-bit mode and FFh
in 8-bit mode.
Note:
1. When the digital filter is not selected.
Table 4.3
A/D Converter Characteristics
(Vcc/AVcc = Vref = 2.2 V to 5.5 V, Vss = 0 V, Topr =
20°C to 85°C (N version)/
40°C to 85°C (D version), unless otherwise specified)
Symbol
Parameter
Conditions
Standard
Unit
Min.
Typ.
Max.
―
Resolution
Vref = AVcc
――
10
Bit
―
Absolute
accuracy
10-bit mode
Vref = AVcc = 5.0 V AN0 to AN11 input
――
±3
LSB
Vref = AVcc = 3.3 V AN0 to AN11 input
――
±5
LSB
Vref = AVcc = 3.0 V AN0 to AN11 input
――
±5
LSB
Vref = AVcc = 2.2 V AN0 to AN11 input
――
±5
LSB
8-bit mode
Vref = AVcc = 5.0 V AN0 to AN11 input
――
±2
LSB
Vref = AVcc = 3.3 V AN0 to AN11 input
――
±2
LSB
Vref = AVcc = 3.0 V AN0 to AN11 input
――
±2
LSB
Vref = AVcc = 2.2 V AN0 to AN11 input
――
±2
LSB
AD
A/D conversion clock
4.0 V
 Vref = AVcc  5.5 V (1)
2
―
20
MHz
3.2 V
 Vref = AVcc  5.5 V (1)
2
―
16
MHz
2.7 V
 Vref = AVcc  5.5 V (1)
2
―
10
MHz
2.2 V
 Vref = AVcc  5.5 V (1)
2
―
5MHz
―
Tolerance level impedance
―
3
―
k
Ω
Ivref
Vref current
Vcc = 5 V, XIN = f1 = fAD = 20 MHz
―
45
―μA
tCONV
Conversion time
10-bit mode
Vref = AVcc = 5.0 V,
AD = 20 MHz
2.2
――
μs
8-bit mode
Vref = AVcc = 5.0 V,
AD = 20 MHz
2.2
――
μs
tSAMP
Sampling time
AD = 20 MHz
0.8
――
μs
Vref
Reference voltage
2.2
―
AVcc
V
VIA
Analog input voltage (2)
0
―
Vref
V
OCVREF On-chip reference voltage
2MHz
 AD  4MHz
1.19
1.34
1.49
V
Table 4.4
Comparator B Characteristics
(Vcc/AVcc = 2.2 V to 5.5 V, Topr =
20°C to 85°C (N version)/40°C to 85°C (D version),
unless otherwise specified)
Symbol
Parameter
Conditions
Standard
Unit
Min.
Typ.
Max.
Vref
IVREF1, IVREF3 input reference
voltage
0
―
Vcc
 1.4
V
VI
IVCMP1, IVCMP3 input voltage
0.3
―
Vcc
+ 0.3
V
―
Offset
―
5
100
mV
td
Comparator output delay time (1)
VI = Vref ±100 mV
―
0.1
―μs
ICMP
Comparator operating current
Vcc = 5.0 V
―
17.5
―μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com