Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F2136CSNFP Datasheet(PDF) 15 Page - Renesas Technology Corp

Part # R5F2136CSNFP
Description  RENESAS MCU
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F2136CSNFP Datasheet(HTML) 15 Page - Renesas Technology Corp

Back Button R5F2136CSNFP Datasheet HTML 11Page - Renesas Technology Corp R5F2136CSNFP Datasheet HTML 12Page - Renesas Technology Corp R5F2136CSNFP Datasheet HTML 13Page - Renesas Technology Corp R5F2136CSNFP Datasheet HTML 14Page - Renesas Technology Corp R5F2136CSNFP Datasheet HTML 15Page - Renesas Technology Corp R5F2136CSNFP Datasheet HTML 16Page - Renesas Technology Corp R5F2136CSNFP Datasheet HTML 17Page - Renesas Technology Corp R5F2136CSNFP Datasheet HTML 18Page - Renesas Technology Corp R5F2136CSNFP Datasheet HTML 19Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 61 page
background image
R8C/36T-A Group
3. Address Space
R01DS0055EJ0100 Rev.1.00
Page 15 of 58
Dec 09, 2011
3.
Address Space
3.1
Memory Map
Figure 3.1 shows the Memory Map. The R8C/36T-A Group has a 1-Mbyte address space from addresses 00000h to
FFFFFh. Up to 32 Kbytes of the internal ROM (program ROM) is allocated at lower addresses, beginning with
address 0FFFFh. The area in excess of 32 Kbytes is allocated at higher addresses, beginning with address 10000h.
For example, a 64-Kbyte internal ROM is allocated at addresses 08000h to 17FFFh.
The fixed interrupt vector table is allocated at addresses 0FFDCh to 0FFFFh. The start address of each interrupt
routine is stored here.
The internal ROM (data flash) is allocated at addresses 07000h to 07FFFh.
The internal RAM is allocated at higher addresses, beginning with address 00400h. For example, a 6-Kbyte
internal RAM is allocated at addresses 00400h to 01BFFh. The internal RAM is used not only for data storage but
also as a stack area when a subroutine is called or when an interrupt request is acknowledged.
Special function registers (SFRs) are allocated at addresses 00000h to 02FFFh and addresses 06800h to 06FFFh.
Peripheral function control registers are allocated here. All unallocated locations within the SFRs are reserved and
cannot be accessed by users.
Figure 3.1
Memory Map
0XXXXh
00000h
Internal ROM
(program ROM)
Internal RAM
SFR
Internal ROM
(data flash)
(1)
002FFh
00400h
07000h
07FFFh
0YYYYh
0FFFFh
FFFFFh
Watchdog timer, oscillation stop detection, voltage monitor
Undefined instruction
Overflow
BRK instruction
Address match
Single-step
Address break
(Reserved)
Reset
0FFFFh
0FFDCh
Internal ROM
(program ROM)
ZZZZZh
06FFFh
06800h
SFR
(2)
Notes:
1. Data flash indicates block A (1 Kbyte), block B (1 Kbyte), block C (1 Kbyte), and block D (1 Kbyte).
2. Addresses 06800h to 06FFFh are used for the ELC, DTC, and TSCU SFR areas.
3. The blank areas are reserved. No access is allowed.
Part Number
Capacity
Address 0YYYYh
Internal ROM
Address 0XXXXh
Capacity
Internal RAM
Address ZZZZZh
64 Kbytes
96 Kbytes
128 Kbytes
08000h
08000h
08000h
17FFFh
1FFFFh
27FFFh
01BFFh
023FFh
02BFFh
6 Kbytes
8 Kbytes
10 Kbytes
R5F21368SNFP/FA, R5F21368SDFP/FA
R5F21368SNFP/FA, R5F21368SDFP/FA
R5F21368SNFP/FA, R5F21368SDFP/FA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com