Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F2136CSNFP Datasheet(PDF) 26 Page - Renesas Technology Corp

Part # R5F2136CSNFP
Description  RENESAS MCU
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F2136CSNFP Datasheet(HTML) 26 Page - Renesas Technology Corp

Back Button R5F2136CSNFP Datasheet HTML 22Page - Renesas Technology Corp R5F2136CSNFP Datasheet HTML 23Page - Renesas Technology Corp R5F2136CSNFP Datasheet HTML 24Page - Renesas Technology Corp R5F2136CSNFP Datasheet HTML 25Page - Renesas Technology Corp R5F2136CSNFP Datasheet HTML 26Page - Renesas Technology Corp R5F2136CSNFP Datasheet HTML 27Page - Renesas Technology Corp R5F2136CSNFP Datasheet HTML 28Page - Renesas Technology Corp R5F2136CSNFP Datasheet HTML 29Page - Renesas Technology Corp R5F2136CSNFP Datasheet HTML 30Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 61 page
background image
R8C/36T-A Group
3. Address Space
R01DS0055EJ0100 Rev.1.00
Page 26 of 58
Dec 09, 2011
Note:
1. The blank areas are reserved. No access is allowed.
Table 3.11
SFR Information (11) (1)
Address
Symbol
Register Name
After Reset
Remarks
00400h
to
053FFh
On-chip RAM
On-chip RAM
05400h
to
069FFh
06A00h
ELSELR0
Event Output Destination Select Register 0
00h
06A01h
ELSELR1
Event Output Destination Select Register 1
00h
06A02h
ELSELR2
Event Output Destination Select Register 2
00h
06A03h
ELSELR3
Event Output Destination Select Register 3
00h
06A04h
ELSELR4
Event Output Destination Select Register 4
00h
06A05h
06A06h
06A07h
06A08h
ELSELR8
Event Output Destination Select Register 8
00h
06A09h
ELSELR9
Event Output Destination Select Register 9
00h
06A0Ah
06A0Bh
ELSELR11
Event Output Destination Select Register 11
00h
06A0Ch
ELSELR12
Event Output Destination Select Register 12
00h
06A0Dh
ELSELR13
Event Output Destination Select Register 13
00h
06A0Eh
ELSELR14
Event Output Destination Select Register 14
00h
06A0Fh
ELSELR15
Event Output Destination Select Register 15
00h
06A10h
ELSELR16
Event Output Destination Select Register 16
00h
06A11h
06A12h
06A13h
06A14h
06A15h
06A16h
06A17h
06A18h
06A19h
06A1Ah
06A1Bh
06A1Ch
06A1Dh
06A1Eh
06A1Fh
06A20h
06A21h
06A22h
06A23h
06A24h
06A25h
06A26h
06A27h
06A28h
06A29h
06A2Ah
06A2Bh
06A2Ch
06A2Dh
06A2Eh
06A2Fh
06A30h
06A31h
to
06AFFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com